Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGY587_2015 Datasheet(PDF) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BGY587_2015
Description  550 MHz, 22 dB gain push-pull amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BGY587_2015 Datasheet(HTML) 4 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BGY587_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY587_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY587_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY587_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY587_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY587_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY587_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY587_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2001 Nov 27
4
Philips Semiconductors
Product specification
550 MHz, 22 dB gain push-pull amplifier
BGY587
PACKAGE OUTLINE
UNIT
A2
max.
c
ee1
q
Q
max.
q1
q2
U1
max.
U2
W
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
20.8
9.1
0.51
0.38
0.25 27.2 2.54 13.75 2.54 5.08 12.7
8.8
4.15
3.85
2.4
38.1 25.4 10.2
4.2 44.75
8
0.25
0.1
3.8
bF
p
6-32
UNC
y
w
S
DIMENSIONS (mm are the original dimensions)
SOT115J
0
5
10 mm
scale
A
max.
D
max.
L
min.
E
max.
Z
max.
Rectangular single-ended package; aluminium flange; 2 vertical mounting holes;
2 x 6-32 UNC and 2 extra horizontal mounting holes; 7 gold-plated in-line leads
SOT115J
D
U1
q
q2
q1
b
F
S
A
Z
p
E
A2
L
c
d
Q
U2
M
w
78
9
23
W
e
e1
5
p
1
d
max.
y M B
y M B
B
99-02-06
y M B


Similar Part No. - BGY587_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY587B PHILIPS-BGY587B Datasheet
52Kb / 8P
   CATV amplifier module
1997 Apr 10
BGY587B NXP-BGY587B_01 Datasheet
55Kb / 8P
   550 MHz, 27 dB gain push-pull amplifier
2001 Oct 22
logo
Quanzhou Jinmei Electro...
BGY587B JMNIC-BGY587B_15 Datasheet
55Kb / 8P
   550 MHz, 27 dB gain push-pull amplifier
BGY587B_2015 JMNIC-BGY587B_2015 Datasheet
55Kb / 8P
   550 MHz, 27 dB gain push-pull amplifier
logo
NXP Semiconductors
BGY587 NXP-BGY587_01 Datasheet
55Kb / 8P
   550 MHz, 22 dB gain push-pull amplifier
2001 Nov 27
More results

Similar Description - BGY587_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY587 NXP-BGY587 Datasheet
101Kb / 8P
   550 MHz, 22 dB gain push-pull amplifier
Rev. 5 - 20 September 2011
BGY587 NXP-BGY587_01 Datasheet
55Kb / 8P
   550 MHz, 22 dB gain push-pull amplifier
2001 Nov 27
logo
Quanzhou Jinmei Electro...
BGY587 JMNIC-BGY587_15 Datasheet
55Kb / 8P
   550 MHz, 22 dB gain push-pull amplifier
OM7650 JMNIC-OM7650_15 Datasheet
52Kb / 7P
   550 MHz, 34 dB gain push-pull amplifier
BGY588C JMNIC-BGY588C_15 Datasheet
51Kb / 7P
   550 MHz, 34.5 dB gain push-pull amplifier
BGY588N JMNIC-BGY588N_15 Datasheet
55Kb / 8P
   550 MHz, 34.5 dB gain push-pull amplifier
BGY585A_2015 JMNIC-BGY585A_2015 Datasheet
57Kb / 8P
   550 MHz, 18.2 dB gain push-pull amplifier
BGY585A JMNIC-BGY585A_15 Datasheet
57Kb / 8P
   550 MHz, 18.2 dB gain push-pull amplifier
logo
NXP Semiconductors
BGY585A NXP-BGY585A Datasheet
243Kb / 8P
   550 MHz, 18.2 dB gain push-pull amplifier
Rev. 6 - 29 September 2010
BGY588C PHILIPS-BGY588C Datasheet
44Kb / 7P
   550 MHz, 34.5 dB gain push-pull amplifier
Rev. 01-11 April 2005
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com