Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGY67_2015 Datasheet(PDF) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BGY67_2015
Description  200 MHz, 22 dB gain reverse amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BGY67_2015 Datasheet(HTML) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BGY67_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY67_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY67_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY67_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY67_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY67_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY67_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BGY67_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2001 Oct 18
6
Philips Semiconductors
Product specification
200 MHz, 22 dB gain reverse amplifier
BGY67
NOTES


Similar Part No. - BGY67_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY67A PHILIPS-BGY67A Datasheet
52Kb / 7P
   CATV amplifier module
Rev. 04-14 March 2005
BGY67A PHILIPS-BGY67A Datasheet
46Kb / 7P
   200 MHz, 24 dB gain reverse amplifier
Rev. 04-14 March 2005
BGY67A NXP-BGY67A Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BGY67A NXP-BGY67A Datasheet
100Kb / 8P
   200 MHz, 24 dB gain reverse amplifier
Rev. 5-19 September 2011
logo
Quanzhou Jinmei Electro...
BGY67A JMNIC-BGY67A Datasheet
55Kb / 8P
   200 MHz, 24 dB gain reverse amplifier
More results

Similar Description - BGY67_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY67 NXP-BGY67_01 Datasheet
55Kb / 8P
   200 MHz, 22 dB gain reverse amplifier
2001 Oct 18
logo
Quanzhou Jinmei Electro...
BGY67 JMNIC-BGY67_15 Datasheet
55Kb / 8P
   200 MHz, 22 dB gain reverse amplifier
logo
NXP Semiconductors
BGY67A112 NXP-BGY67A112 Datasheet
100Kb / 8P
   200 MHz, 24 dB gain reverse amplifier
Rev. 5-19 September 2011
logo
Quanzhou Jinmei Electro...
BGY67A_2015 JMNIC-BGY67A_2015 Datasheet
55Kb / 8P
   200 MHz, 24 dB gain reverse amplifier
BGY67A JMNIC-BGY67A_15 Datasheet
55Kb / 8P
   200 MHz, 24 dB gain reverse amplifier
logo
NXP Semiconductors
BGR269 NXP-BGR269 Datasheet
98Kb / 8P
   200 MHz, 35 dB gain reverse amplifier
Rev. 6-5 August 2010
BGY67A PHILIPS-BGY67A Datasheet
46Kb / 7P
   200 MHz, 24 dB gain reverse amplifier
Rev. 04-14 March 2005
logo
Quanzhou Jinmei Electro...
BGY66B_2015 JMNIC-BGY66B_2015 Datasheet
55Kb / 8P
   120 MHz, 25 dB gain reverse amplifier
BGY66B JMNIC-BGY66B_15 Datasheet
55Kb / 8P
   120 MHz, 25 dB gain reverse amplifier
logo
NXP Semiconductors
BGS67A PHILIPS-BGS67A Datasheet
49Kb / 8P
   65 MHz, 25.5 dB gain reverse amplifier
2002 Sep 06
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com