Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM71V18163CL-5 Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # GM71V18163CL-5
Description  1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GM71V18163CL-5 Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button GM71V18163CL-5 Datasheet HTML 3Page - Hynix Semiconductor GM71V18163CL-5 Datasheet HTML 4Page - Hynix Semiconductor GM71V18163CL-5 Datasheet HTML 5Page - Hynix Semiconductor GM71V18163CL-5 Datasheet HTML 6Page - Hynix Semiconductor GM71V18163CL-5 Datasheet HTML 7Page - Hynix Semiconductor GM71V18163CL-5 Datasheet HTML 8Page - Hynix Semiconductor GM71V18163CL-5 Datasheet HTML 9Page - Hynix Semiconductor GM71V18163CL-5 Datasheet HTML 10Page - Hynix Semiconductor GM71V18163CL-5 Datasheet HTML 11Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
GM71VS18163CL
GM71V18163C
Rev 0.1 / Apr’01
Self Refresh Mode ( L-version )
Symbol
Parameter
Note
Max
Unit
Min
Max
Min
tRASS
RAS Pulse Width(Self-Refresh)
100
-
100
-
tRPS
RAS Precharge Time(Self-Refresh)
110
-
130
-
ns
tCHS
CAS Hold Time(Self-Refresh)
-50
-
-50
-
ns
GM71VS18163
CL-6
GM71VS18163
CL-7
us
Max
Min
100
-
90
-
-50
-
GM71VS18163
CL-5
29
1. AC measurements assume tT = 2 ns.
2. An initial pause of 200us is required after power followed by a minimum of eight initializa-
tion cycles (any combination of cycles containing RAS-only refresh or CAS-before-RAS
refresh).
3. Operation with the tRCD (max) limit insures that tRAC (max) can be met, tRCD (max) is
specified as a reference point only; if tRCD is greater than the specified tRCD (max) limit, then
access time is controlled exclusively by tCAC.
4. Operation with the tRAD (max) limit insures that tRAC (max) can be met, tRAD (max) is
specified as a reference point only; if tRAD is greater than the specified tRAD (max) limit, then
access time is controlled exclusively by tAA.
5. Either tODD or tCDD must be satisfied.
6. Either tDZO or tDZC must be satisfied.
7. VIH (min) and VIL (max) are reference levels for measuring timing of input signals.
Also,
transition times are measured between VIH (min) and VIL (max).
8. Assumes that tRCD <= tRCD (max) and tRAD <= tRAD (max).
If tRCD or tRAD is greater than the
maximum recommended value shown in this table, tRAC exceeds the value shown.
9. Measured with a load circuit equivalent to 1TTL loads and 100pF.
10. Assumes that tRCD >= tRCD (max) and tRAD <= tRAD (max).
11. Assumes that tRCD <= tRCD (max) and tRAD >= tRAD (max).
12. Either tRCH or tRRH must be satisfied for a read cycles.
13. tOFF (max) and tOEZ (max) define the time at which the outputs achieve the open circuit condi-
tion and are not referred to output voltage levels.
14. tWCS, tRWD, tCWD, tAWD and tCPW are not restrictive operating parameters. They are included in
the data sheet as electrical characteristics only;
if tWCS >= tWCS (min),
the cycle is an early
write cycle and the data out pin will remain open circuit(high impedance) throughout the
entire cycle; if tRWD>=tRWD(min), tCWD>=tCWD(min), and tAWD>=tAWD(min), or tCWD>=tCWD(min)
tAWD >= tAWD (min) and tCPW >= tCPW (min), the cycle is a read-modify-write and the data out-
put will contain data read from the selected cell; if neither of the above sets of conditions is
satisfied, the condition of the data out (at access time) is indeterminate.
Notes :


Similar Part No. - GM71V18163CL-5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM71V17403C HYNIX-GM71V17403C Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71V17403C-5 HYNIX-GM71V17403C-5 Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71V17403C-6 HYNIX-GM71V17403C-6 Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71V17403C-7 HYNIX-GM71V17403C-7 Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71V17403CL-5 HYNIX-GM71V17403CL-5 Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
More results

Similar Description - GM71V18163CL-5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM71C18163C HYNIX-GM71C18163C Datasheet
112Kb / 11P
   1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
logo
LG Semicon Co.,Ltd.
GM71C4403C LG-GM71C4403C Datasheet
108Kb / 10P
   1,048,576 WORDS x 4BIT CMOS DYNAMIC RAM
GM71S4400C LG-GM71S4400C Datasheet
104Kb / 9P
   1,048,576 WORDS x 4BIT CMOS DYNAMIC RAM
logo
Vanguard International ...
VG26VS18165C VML-VG26VS18165C Datasheet
231Kb / 27P
   1,048,576 x 16 - Bit CMOS Dynamic RAM
logo
Toshiba Semiconductor
THM321000S-80 TOSHIBA-THM321000S-80 Datasheet
482Kb / 17P
   1,048,576 WORDS x 32 BIT DYNAMIC RAM MODULE
THM321020S-80 TOSHIBA-THM321020S-80 Datasheet
442Kb / 17P
   1,048,576 WORDS x 32 BIT DYNAMIC RAM MODULE
THM361020S-80 TOSHIBA-THM361020S-80 Datasheet
473Kb / 17P
   1,048,576 WORDS x 36 BIT DYNAMIC RAM MODULE
logo
Hynix Semiconductor
GM71CS17403C HYNIX-GM71CS17403C Datasheet
97Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17800C HYNIX-GM71C17800C Datasheet
92Kb / 9P
   2,097,152 WORDS x 8 BIT CMOS DYNAMIC RAM
GM71C17400C HYNIX-GM71C17400C Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com