Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM71C18163C-6 Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # GM71C18163C-6
Description  1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GM71C18163C-6 Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button GM71C18163C-6 Datasheet HTML 3Page - Hynix Semiconductor GM71C18163C-6 Datasheet HTML 4Page - Hynix Semiconductor GM71C18163C-6 Datasheet HTML 5Page - Hynix Semiconductor GM71C18163C-6 Datasheet HTML 6Page - Hynix Semiconductor GM71C18163C-6 Datasheet HTML 7Page - Hynix Semiconductor GM71C18163C-6 Datasheet HTML 8Page - Hynix Semiconductor GM71C18163C-6 Datasheet HTML 9Page - Hynix Semiconductor GM71C18163C-6 Datasheet HTML 10Page - Hynix Semiconductor GM71C18163C-6 Datasheet HTML 11Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
GM71CS18163CL
GM71C18163C
Rev 0.1 / Apr’01
Package Dimension
42 SOJ
Unit: Inches (mm)
0.017(0.45) MAX
0.012(0.30) MIN
TYP
0.031(0.80)
0.830(21.08) MAX
0.820(20.82) MIN
0.047(1.20)
MAX
0.006(0.15) MAX
0.002(0.05) MIN
0.041(1.05) MAX
0.037(0.95) MIN
0.024(0.60) MAX
0.016(0.40) MIN
0.008(0.21) MAX
0.004(0.12) MIN
0 ~ 5 ¡ £
1.072(27.23) MAX
0.148(3.75) MAX
0.128(3.25) MIN
0.026(0.66) MIN
TYP
0.050(1.27)
0.020(0.50) MAX
0.015(0.38) MIN
1.058(26.89) MAX
0.025(0.64)
MIN
0.093(2.38)
MIN
0.032(0.81) MAX
44(50) TSOP-II


Similar Part No. - GM71C18163C-6

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM71C17400C HYNIX-GM71C17400C Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17400CJ HYNIX-GM71C17400CJ Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17400CLJ-5 HYNIX-GM71C17400CLJ-5 Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17400CLJ-6 HYNIX-GM71C17400CLJ-6 Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17400CLJ-7 HYNIX-GM71C17400CLJ-7 Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
More results

Similar Description - GM71C18163C-6

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM71V18163C HYNIX-GM71V18163C Datasheet
113Kb / 11P
   1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
logo
LG Semicon Co.,Ltd.
GM71C4403C LG-GM71C4403C Datasheet
108Kb / 10P
   1,048,576 WORDS x 4BIT CMOS DYNAMIC RAM
GM71S4400C LG-GM71S4400C Datasheet
104Kb / 9P
   1,048,576 WORDS x 4BIT CMOS DYNAMIC RAM
logo
Vanguard International ...
VG26VS18165C VML-VG26VS18165C Datasheet
231Kb / 27P
   1,048,576 x 16 - Bit CMOS Dynamic RAM
logo
Toshiba Semiconductor
THM321000S-80 TOSHIBA-THM321000S-80 Datasheet
482Kb / 17P
   1,048,576 WORDS x 32 BIT DYNAMIC RAM MODULE
THM321020S-80 TOSHIBA-THM321020S-80 Datasheet
442Kb / 17P
   1,048,576 WORDS x 32 BIT DYNAMIC RAM MODULE
THM361020S-80 TOSHIBA-THM361020S-80 Datasheet
473Kb / 17P
   1,048,576 WORDS x 36 BIT DYNAMIC RAM MODULE
logo
Hynix Semiconductor
GM71CS17403C HYNIX-GM71CS17403C Datasheet
97Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17800C HYNIX-GM71C17800C Datasheet
92Kb / 9P
   2,097,152 WORDS x 8 BIT CMOS DYNAMIC RAM
GM71C17400C HYNIX-GM71C17400C Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com