Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD12UJ Datasheet(PDF) 2 Page - NEC

Part # RD12UJ
Description  LOW NOISE SHARP BREAKDOWN CHARACTERISTICS ZENER DIODES 2PIN ULTRA SUPER MINI MOLD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD12UJ Datasheet(HTML) 2 Page - NEC

  RD12UJ Datasheet HTML 1Page - NEC RD12UJ Datasheet HTML 2Page - NEC RD12UJ Datasheet HTML 3Page - NEC RD12UJ Datasheet HTML 4Page - NEC RD12UJ Datasheet HTML 5Page - NEC RD12UJ Datasheet HTML 6Page - NEC RD12UJ Datasheet HTML 7Page - NEC RD12UJ Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RD4.7UJ to RD39UJ
2
Data Sheet D13938EJ3V0DS00
ELECTRICAL CHARACTERISTICS (TA = 25
± 2 °C)
Zener Voltage
Reverse Current
Type Number
Class
Vz (V)Note 1
IR (
µA)
MIN.
MAX.
Iz (mA)
MAX.
Iz (mA)
MAX.
VR (V)
N
4.39
4.91
RD4.7UJ
N1
4.39
4.62
0.5
800
0.5
2
1.0
N2
4.52
4.76
N3
4.66
4.91
N
4.81
5.36
RD5.1UJ
N1
4.81
5.05
0.5
500
0.5
2
1.5
N2
4.95
5.20
N3
5.10
5.36
N
5.26
5.91
RD5.6UJ
N1
5.26
5.54
0.5
200
0.5
1
2.5
N2
5.44
5.73
N3
5.63
5.91
N
5.81
6.53
RD6.2UJ
N1
5.81
6.11
0.5
100
0.5
1
3.0
N2
6.01
6.32
N3
6.21
6.53
N
6.41
7.14
RD6.8UJ
N1
6.41
6.74
0.5
60
0.5
0.5
3.5
N2
6.60
6.94
N3
6.80
7.14
N
7.00
7.83
RD7.5UJ
N1
7.00
7.35
0.5
60
0.5
0.5
4.0
N2
7.21
7.60
N3
7.46
7.83
N
7.69
8.61
RD8.2UJ
N1
7.69
8.08
0.5
60
0.5
0.5
5.0
N2
7.94
8.34
N3
8.20
8.61
N
8.47
9.51
RD9.1UJ
N1
8.47
8.91
0.5
60
0.5
0.5
6.0
N2
8.76
9.21
N3
9.06
9.51
N
9.35
10.51
RD10UJ
N1
9.35
9.82
0.5
60
0.5
0.1
7.0
N2
9.66
10.16
N3
10.00
10.51
N
10.32
11.50
RD11UJ
N1
10.32
10.84
0.5
60
0.5
0.1
8.0
N2
10.64
11.17
N3
10.97
11.50
N
11.28
12.52
RD12UJ
N1
11.28
11.83
0.5
80
0.5
0.1
9.0
N2
11.59
12.17
N3
11.93
12.52
N
12.29
13.86
RD13UJ
N1
12.29
12.95
0.5
80
0.5
0.1
10.0
N2
12.72
13.40
N3
13.17
13.86
Dynamic
Impedance
Zz (
Ω)Note 2


Similar Part No. - RD12UJ

ManufacturerPart #DatasheetDescription
logo
NEC
RD12UM NEC-RD12UM Datasheet
63Kb / 8P
   ZENER DIODES 2PIN ULTRA SUPER MINI MOLD
More results

Similar Description - RD12UJ

ManufacturerPart #DatasheetDescription
logo
NEC
RD39UM NEC-RD39UM Datasheet
63Kb / 8P
   ZENER DIODES 2PIN ULTRA SUPER MINI MOLD
RD39JS NEC-RD39JS Datasheet
44Kb / 8P
   DO-34 Package Low noise, Sharp Breakdown characteristics 400 mW Zener Diode
logo
Knox Semiconductor, Inc
LVA43A KNOX-LVA43A Datasheet
42Kb / 1P
   SHARP BREAKDOWN, LOW LEAKAGE LVA REGULATOR DIODES
LVA450A KNOX-LVA450A Datasheet
48Kb / 1P
   SHARP BREAKDOWN, LOW LEAKAGE LVA REGULATOR DIODES
logo
New Jersey Semi-Conduct...
LVA43A NJSEMI-LVA43A Datasheet
43Kb / 1P
   SHARP BREAKDOWN, LOW LEAKAGE LVA REGULATOR DIODES
logo
NEC
RD120S NEC-RD120S Datasheet
54Kb / 12P
   ZENER DIODES 200 mW 2 PINS SUPER MINI MOLD
logo
Knox Semiconductor, Inc
K511 KNOX-K511 Datasheet
33Kb / 1P
   LOW LEVEL ZENER DIODES SHARP KNEE, LOW IMPEDANCE
logo
NEC
RD47M NEC-RD47M Datasheet
67Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
2SC5436 NEC-2SC5436 Datasheet
77Kb / 12P
   NPN EPITAXIAL SILICON TRANSISTOR ULTRA SUPER MINI MOLD FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
RD2.0M NEC-RD2.0M Datasheet
69Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com