Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGE787B_2015 Datasheet(PDF) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BGE787B_2015
Description  CATV amplifier module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BGE787B_2015 Datasheet(HTML) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BGE787B_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BGE787B_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BGE787B_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BGE787B_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BGE787B_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BGE787B_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2000 Oct 03
3
Philips Semiconductors
Preliminary specification
CATV amplifier module
BGE787B
CHARACTERISTICS
Bandwidth 40 to 750 MHz; VB =24V; Tcase =30
°C; ZS =ZL =75 Ω.
Notes
1.
fp = 55.25 MHz; Vp = 44 dBmV;
fq = 691.25 MHz; Vq = 44 dBmV;
measured at fp +fq = 746.5 MHz.
2.
Measured according to DIN45004B;
fp = 740.25 MHz; Vp =Vo;
fq = 747.25 MHz; Vq =Vo
−6dB;
fr = 749.25 MHz; Vr =Vo
−6dB;
measured at fp +fq
− fr = 738.25 MHz.
3.
The module normally operates at VB = 24 V, but is able to withstand supply transients up to 30 V.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Gp
power gain
f = 50 MHz
28.5
29.5
dB
f = 750 MHz
29
dB
SL
slope cable equivalent
f = 40 to 750 MHz
0.2
2.2
dB
FL
flatness of frequency response
f = 40 to 750 MHz
−±0.45
dB
s11
input return losses
f = 40 to 80 MHz
20
dB
f = 80 to 160 MHz
18.5
dB
f = 160 to 320 MHz
17
dB
f = 320 to 640 MHz
15.5
dB
f = 640 to 750 MHz
14
dB
s22
output return losses
f = 40 to 80 MHz
20
dB
f = 80 to 160 MHz
18.5
dB
f = 160 to 320 MHz
17
dB
f = 320 to 640 MHz
15.5
dB
f = 640 to 750 MHz
14
dB
s21
phase response
f = 50 MHz
135
225
deg
CTB
composite triple beat
110 channels flat;
Vo = 44 dBmV; measured at
745.25 MHz
−−48
dB
Xmod
cross modulation
110 channels flat;
Vo = 44 dBmV; measured at
55.25 MHz
−−52
dB
CSO
composite second order distortion
110 channels flat;
Vo = 44 dBmV; measured at
746.5 MHz
−−56
dB
d2
second order distortion
note 1
−−70
dB
Vo
output voltage
dim =
−60 dB; note 2
59
dBmV
NF
noise figure
f = 50 MHz
5dB
f=750MHz
6.5
dB
PM
positive match
f = 40 MHz to 2 GHz
3dB
Itot
total current consumption (DC)
note 3
340
mA


Similar Part No. - BGE787B_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGE787B_0010 NXP-BGE787B_0010 Datasheet
90Kb / 6P
   CATV amplifier module
2000 Oct 03
logo
Quanzhou Jinmei Electro...
BGE787B JMNIC-BGE787B_15 Datasheet
90Kb / 6P
   CATV amplifier module
More results

Similar Description - BGE787B_2015

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MHW1253LA FREESCALE-MHW1253LA Datasheet
89Kb / 4P
   CATV Amplifier Module
MHW1346 FREESCALE-MHW1346 Datasheet
69Kb / 4P
   CATV Amplifier Module
logo
NXP Semiconductors
BGD602D PHILIPS-BGD602D Datasheet
46Kb / 7P
   CATV amplifier module
1995 Aug 28
BGD702D PHILIPS-BGD702D Datasheet
70Kb / 8P
   CATV amplifier module
1997 Mar 25
BGD704 PHILIPS-BGD704 Datasheet
55Kb / 12P
   CATV amplifier module
1999 Mar 22
BGD714 PHILIPS-BGD714 Datasheet
55Kb / 8P
   CATV amplifier module
2000 Jan 13
BGD814 PHILIPS-BGD814 Datasheet
67Kb / 12P
   CATV amplifier module
2000 Apr 19
BGD816L PHILIPS-BGD816L Datasheet
48Kb / 8P
   CATV amplifier module
2000 Apr 12
BGX881 PHILIPS-BGX881 Datasheet
22Kb / 5P
   CATV amplifier module
February 1995
BGY585A PHILIPS-BGY585A Datasheet
61Kb / 8P
   CATV amplifier module
1999 Mar 26
BGY588 PHILIPS-BGY588 Datasheet
48Kb / 8P
   CATV amplifier module
1997 Apr 10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com