Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGD812_2015 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BGD812_2015
Description  860 MHz, 18.5 dB gain power doubler amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BGD812_2015 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BGD812_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD812_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD812_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD812_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD812_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD812_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD812_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD812_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BGD812_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2001 Oct 30
2
Philips Semiconductors
Product specification
860 MHz, 18.5 dB gain power doubler
amplifier
BGD812
FEATURES
• Excellent linearity
• Extremely low noise
• Excellent return loss properties
• Silicon nitride passivation
• Rugged construction
• Gold metallization ensures excellent reliability.
APPLICATIONS
• CATV systems operating in the 40 to 870 MHz
frequency range.
DESCRIPTION
Hybrid amplifier module in a SOT115J package operating
with a voltage supply of 24 V (DC).
PINNING - SOT115J
PIN
DESCRIPTION
1
input
2, 3
common
5+VB
7, 8
common
9
output
handbook, halfpage
7
8
9
2
35
1
Side view
MSA319
Fig.1 Simplified outline.
QUICK REFERENCE DATA
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Gp
power gain
f = 45 MHz
18.2
18.8
dB
f = 870 MHz
19
20
dB
Itot
total current consumption (DC)
VB = 24 V
380
410
mA
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VB
supply voltage
30
V
Vi
RF input voltage
70
dBmV
Tstg
storage temperature
−40
+100
°C
Tmb
operating mounting base temperature
−20
+100
°C


Similar Part No. - BGD812_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGD812 NXP-BGD812_01 Datasheet
77Kb / 12P
   860 MHz, 18.5 dB gain power doubler amplifier
2001 Oct 30
logo
Quanzhou Jinmei Electro...
BGD812 JMNIC-BGD812_15 Datasheet
77Kb / 12P
   860 MHz, 18.5 dB gain power doubler amplifier
More results

Similar Description - BGD812_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGD902 NXP-BGD902 Datasheet
79Kb / 10P
   860 MHz, 18.5 dB gain power doubler amplifier
Rev. 08-7 June 2007
logo
Quanzhou Jinmei Electro...
BGD802_2015 JMNIC-BGD802_2015 Datasheet
65Kb / 12P
   860 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD802 NXP-BGD802 Datasheet
408Kb / 10P
   860 MHz, 18.5 dB gain power doubler amplifier
2002 Jan 23
logo
Quanzhou Jinmei Electro...
BGD812 JMNIC-BGD812_15 Datasheet
77Kb / 12P
   860 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD902 PHILIPS-BGD902 Datasheet
69Kb / 10P
   860 MHz, 18.5 dB gain power doubler amplifier
Rev. 07-8 March 2005
logo
Quanzhou Jinmei Electro...
BGD802 JMNIC-BGD802_15 Datasheet
65Kb / 12P
   860 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD812 NXP-BGD812_01 Datasheet
77Kb / 12P
   860 MHz, 18.5 dB gain power doubler amplifier
2001 Oct 30
BGD702N PHILIPS-BGD702N Datasheet
53Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
2001 Nov 02
logo
Quanzhou Jinmei Electro...
BGD712_2015 JMNIC-BGD712_2015 Datasheet
64Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD502 NXP-BGD502_01 Datasheet
57Kb / 8P
   550 MHz, 18.5 dB gain power doubler amplifier
2001 Nov 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com