Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBE001-TL-E Datasheet(PDF) 3 Page - ON Semiconductor

Part # SBE001-TL-E
Description  Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SBE001-TL-E Datasheet(HTML) 3 Page - ON Semiconductor

  SBE001-TL-E Datasheet HTML 1Page - ON Semiconductor SBE001-TL-E Datasheet HTML 2Page - ON Semiconductor SBE001-TL-E Datasheet HTML 3Page - ON Semiconductor SBE001-TL-E Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SBE001
No.6292-3/4
0
0.001
10
1.0
5
3
2
0.1
5
3
2
0.01
5
5
3
2
5
3
2
--35
--5--10--15--20--25--30
Reverse Voltage, VR -- V
IR -- VR
0
0.1
0.60.8
1.0
0.20.4
1.0
10
7
5
3
2
7
5
7
5
3
2
1.2
Forward Voltage, VF -- V
IF -- VF
Ta=125°C
25°C
50°C
75°C
100°C
IT00617
HD00618
7 0.01
23
7 0.1
0
52
2
37 1.0
5
24
20
16
12
8
4
3
Time, t -- s
IFSM -- t
IT00621
Is
20ms
t
Current waveform 50Hz sine wave
--1.0--10
2
2
3
5
100
10
7
3
2
3
5
5
72
35
7 --100
Reverse Voltage, VR -- V
C -- VR
f=1MHz
0
0
0.5
2.5
2.0
1.5
1.0
0.5
1.01.5
2.03.0
2.5
Average Forward Current, IO -- A
PF(AV) -- IO
IT00619
IT00620
(1) Rectangular wave θ=60°
(2) Rectangular wave θ=120°
(3) Rectangular wave θ=180°
(3) Sine wave θ=180°
θ
360°
Rectangular wave
180°
360°
Sine wave
(1)
(4)
(2)
(3)


Similar Part No. - SBE001-TL-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBE001 SANYO-SBE001 Datasheet
35Kb / 3P
   30V, 2A Rectifier
logo
Cypress Semiconductor
SBE001 CYPRESS-SBE001 Datasheet
2Mb / 23P
   Power Supply Application
More results

Similar Description - SBE001-TL-E

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com