Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6065KTP Datasheet(PDF) 7 Page - Littelfuse

Part # S6065KTP
Description  65 / 70 Amp Standard SCRs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S6065KTP Datasheet(HTML) 7 Page - Littelfuse

  S6065KTP Datasheet HTML 1Page - Littelfuse S6065KTP Datasheet HTML 2Page - Littelfuse S6065KTP Datasheet HTML 3Page - Littelfuse S6065KTP Datasheet HTML 4Page - Littelfuse S6065KTP Datasheet HTML 5Page - Littelfuse S6065KTP Datasheet HTML 6Page - Littelfuse S6065KTP Datasheet HTML 7Page - Littelfuse S6065KTP Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
337
Revised: 09/23/13
©2013 Littelfuse, Inc
Specifications are subject to change without notice.
Teccor® brand Thyristors
65 / 70 Amp Standard SCRs
Sxx65x & Sxx70x Series
Dimensions – TO-218X (J Package) — Isolated Mounting Tab Common with Center Lead
Dimension
Inches
Millimeters
Min
Max
Min
Max
A
0.810
0.835
20.57
21.21
B
0.610
0.630
15.49
16.00
C
0.178
0.188
4.52
4.78
D
0.055
0.070
1.40
1.78
E
0.487
0.497
12.37
12.62
F
0.635
0.655
16.13
16.64
G
0.022
0.029
0.56
0.74
H
0.075
0.095
1.91
2.41
J
0.575
0.625
14.61
15.88
K
0.256
0.264
6.50
6.71
L
0.220
0.228
5.58
5.79
M
0.080
0.088
2.03
2.24
N
0.169
0.177
4.29
4.49
P
0.034
0.042
0.86
1.07
R
0.113
0.121
2.87
3.07
S
0.086
0.096
2.18
2.44
T
0.156
0.166
3.96
4.22
U
0.164
0.165
4.10
4.20
V
0.603
0.618
15.31
15.70
W
0.000
0.005
0.00
0.13
X
0.003
0.012
0.07
0.30
Y
0.028
0.032
0.71
0.81
Z
0.085
0.095
2.17
2.42
Product Selector
Part Number
Voltage
Gate Sensitivity
Type
Package
400V
600V
800V
1000V
Sxx65K
XXXX
50mA
Standard SCR
TO-218AC
Sxx65J
X
X
X
50mA
Standard SCR
TO-218X
Sxx70W
X
X
X
50mA
Standard SCR
TO-218X
Note: xx = Voltage
Packing Options
Part Number
Marking
Weight
Packing Mode
Base Quantity
Sxx65KTP
Sxx65K
4.40g
Tube
250 (25 per tube)
Sxx65JTP
Sxx65J
5.23g
Tube
250 (25 per tube)
Sxx70WTP
Sxx70W
5.23g
Tube
250 (25 per tube)
Note: xx = Voltage
G
R
Y
H
D
C
K
B
A
E
F
N
T
M
P
J
L
S
V
U (diameter)
W
X
CATHODE
Tc
Measurement
Point
GATE
Note: Maximum torque to
be applied to mounting tab
is 8 in-lbs. (0.904 Nm).
Z
ANODE


Similar Part No. - S6065KTP

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
S6065K TECCOR-S6065K Datasheet
222Kb / 12P
   SCRs
logo
Littelfuse
S6065K LITTELFUSE-S6065K Datasheet
212Kb / 12P
   SCRs (1 A to 70 A)
S6065K LITTELFUSE-S6065K Datasheet
218Kb / 12P
   RoHS Compliant, Electrically-isolated package
logo
New Jersey Semi-Conduct...
S6065K NJSEMI-S6065K Datasheet
1Mb / 2P
   Electrical Specifications
More results

Similar Description - S6065KTP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S6065JTP LITTELFUSE-S6065JTP Datasheet
245Kb / 8P
   65 / 70 Amp Standard SCRs
S8065KTP LITTELFUSE-S8065KTP Datasheet
245Kb / 8P
   65 / 70 Amp Standard SCRs
S8055MTP LITTELFUSE-S8055MTP Datasheet
865Kb / 9P
   55 Amp Standard SCRs
S6035JTP LITTELFUSE-S6035JTP Datasheet
195Kb / 7P
   35 Amp Standard SCRs
S8008DRP LITTELFUSE-S8008DRP Datasheet
411Kb / 1P
   8 Amp Sensitive Standard SCRs
S8015L56 LITTELFUSE-S8015L56 Datasheet
988Kb / 8P
   15 and 16 Amp Standard SCRs
S4012DRP LITTELFUSE-S4012DRP Datasheet
854Kb / 8P
   Teccor brand Thyristors 12 Amp Standard SCRs
S8012DRP LITTELFUSE-S8012DRP Datasheet
351Kb / 8P
   Teccor짰 brand Thyristors 12 Amp Standard SCRs
S6010DS2RP LITTELFUSE-S6010DS2RP Datasheet
1Mb / 11P
   Teccor짰 brand Thyristors 10 Amp Sensitive & Standard SCRs
SJ6006DS2 LITTELFUSE-SJ6006DS2 Datasheet
2Mb / 9P
   Thyristors 6 Amp High Temperature Sensitive & Standard SCRs
Revised: 08/08/17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com