Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM71C17800CLJ-5 Datasheet(PDF) 1 Page - Hynix Semiconductor

Part # GM71C17800CLJ-5
Description  2,097,152 WORDS x 8 BIT CMOS DYNAMIC RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GM71C17800CLJ-5 Datasheet(HTML) 1 Page - Hynix Semiconductor

  GM71C17800CLJ-5 Datasheet HTML 1Page - Hynix Semiconductor GM71C17800CLJ-5 Datasheet HTML 2Page - Hynix Semiconductor GM71C17800CLJ-5 Datasheet HTML 3Page - Hynix Semiconductor GM71C17800CLJ-5 Datasheet HTML 4Page - Hynix Semiconductor GM71C17800CLJ-5 Datasheet HTML 5Page - Hynix Semiconductor GM71C17800CLJ-5 Datasheet HTML 6Page - Hynix Semiconductor GM71C17800CLJ-5 Datasheet HTML 7Page - Hynix Semiconductor GM71C17800CLJ-5 Datasheet HTML 8Page - Hynix Semiconductor GM71C17800CLJ-5 Datasheet HTML 9Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
The GM71C(S)17800C/CL is the new
generation dynamic RAM organized 2,097,152
x 8 bit. GM71C(S)17800C/CL has realized
higher density, higher performance and various
functions by utilizing advanced CMOS process
technology. The GM71C(S)17800C/CL offers
Fast Page Mode as a high speed access mode.
Multiplexed address inputs permit th e
GM71C(S)17800C/CL to be packaged in
standard 400 mil 28pin plastic SOJ, and standard
400mil 28 pin plastic TSOP II. The package size
provides high system bit densities and is
compatible with widely available automated
testing and insertion equipment.
Description
Features
* 2,097,152 Words x 8 Bit Organization
* Fast Page Mode Capability
* Single Power Supply (5V+/-10%)
* Fast Access Time & Cycle Time
(Unit: ns)
* Low Power
Active : 715/660/605mW (MAX)
Standby : 11mW (CMOS level : MAX)
0.83mW (L-version : MAX)
* RAS Only Refresh, CAS before RAS Refresh,
Hidden Refresh Capability
* All inputs and outputs TTL Compatible
* 2048 Refresh Cycles/32ms
* 2048 Refresh Cycles/128ms (L- version)
* Battery Back Up Operation (L- version)
* Self Refresh Operation (L-version)
Pin Configuration
2,097,152 WORDS x 8 BIT
CMOS DYNAMIC RAM
28 SOJ
(Top View)
VSS
I/O0
I/O1
I/O2
I/O3
1
2
3
4
5
WE
RAS
A10
A0
A1
7
8
9
10
11
6
A2
A3
VCC
12
13
14
VSS
I/O7
I/O6
I/O5
I/O4
24
25
26
27
28
OE
A8
A7
A6
18
19
20
21
22
CAS
23
A5
A4
VSS
15
16
17
NC
A9
28 TSOP II
VSS
I/O0
I/O1
I/O2
I/O3
1
2
3
4
5
WE
RAS
A10
A0
A1
7
8
9
10
11
6
A2
A3
VCC
12
13
14
VSS
I/O7
I/O6
I/O5
I/O4
24
25
26
27
28
OE
NC
A8
A7
A6
18
19
20
21
22
CAS
23
A5
A4
VSS
15
16
17
A9
GM71C(S)17800C/CL-5
GM71C(S)17800C/CL-6
GM71C(S)17800C/CL-7
tRAC tCAC
tRC
tPC
50
60
13
15
90
110
35
40
70
18
130
45
GM71C17800C
GM71CS17800CL
Rev 0.1 / Apr’01


Similar Part No. - GM71C17800CLJ-5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM71C17400C HYNIX-GM71C17400C Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17400CJ HYNIX-GM71C17400CJ Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17400CLJ-5 HYNIX-GM71C17400CLJ-5 Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17400CLJ-6 HYNIX-GM71C17400CLJ-6 Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17400CLJ-7 HYNIX-GM71C17400CLJ-7 Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
More results

Similar Description - GM71C17800CLJ-5

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
THM72V2010AG TOSHIBA-THM72V2010AG Datasheet
1Mb / 30P
   2,097,152 WORDS X 72 BIT DYNAMIC RAM MODULE
THM322020S-80 TOSHIBA-THM322020S-80 Datasheet
477Kb / 17P
   2,097,152 WORDS x 32 BIT DYNAMIC RAM MODULE
THM362020S-80 TOSHIBA-THM362020S-80 Datasheet
475Kb / 17P
   2,097,152 WORDS x 36BIT DYNAMIC RAM MODULE
logo
Hynix Semiconductor
GM71CS17403C HYNIX-GM71CS17403C Datasheet
97Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C18163C HYNIX-GM71C18163C Datasheet
112Kb / 11P
   1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
GM71C17400C HYNIX-GM71C17400C Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17403C HYNIX-GM71C17403C Datasheet
100Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71V17403C HYNIX-GM71V17403C Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71V18163C HYNIX-GM71V18163C Datasheet
113Kb / 11P
   1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
logo
LG Semicon Co.,Ltd.
GM71C4403C LG-GM71C4403C Datasheet
108Kb / 10P
   1,048,576 WORDS x 4BIT CMOS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com