Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM71C18163C Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # GM71C18163C
Description  1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GM71C18163C Datasheet(HTML) 5 Page - Hynix Semiconductor

  GM71C18163C Datasheet HTML 1Page - Hynix Semiconductor GM71C18163C Datasheet HTML 2Page - Hynix Semiconductor GM71C18163C Datasheet HTML 3Page - Hynix Semiconductor GM71C18163C Datasheet HTML 4Page - Hynix Semiconductor GM71C18163C Datasheet HTML 5Page - Hynix Semiconductor GM71C18163C Datasheet HTML 6Page - Hynix Semiconductor GM71C18163C Datasheet HTML 7Page - Hynix Semiconductor GM71C18163C Datasheet HTML 8Page - Hynix Semiconductor GM71C18163C Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
GM71CS18163CL
GM71C18163C
Rev 0.1 / Apr’01
Read, Write, Read-Modify-Write and Refresh Cycles (Common Parameters)
Symbol
Parameter
Note
Max
Unit
Min
Max
Min
Max
Min
tRC
Random Read or Write Cycle Time
84
-
104
-
124
-
tRP
RAS Precharge Time
30
-
40
-
50
-
tRAS
RAS Pulse Width
50 10,000
60 10,000
70 10,000
tCAS
CAS Pulse Width
7 10,000
10,000
10,000
10
13
tASR
Row Address Set up Time
0
-
-
-
0
0
tRAH
Row Address Hold Time
7
-
-
-
10
10
tASC
Column Address Set-up Time
0
-
-
-
0
0
tCAH
Column Address Hold Time
7
-
-
-
10
13
tRCD
RAS to CAS Delay Time
11
37
45
52
14
14
3
tRAD
RAS to Column Address Delay Time
9
25
30
35
12
12
4
tRSH
RAS Hold Time
10
-
-
-
13
13
tCSH
CAS Hold Time
35
-
-
-
40
45
tCRP
CAS to RAS Precharge Time
5
-
-
-
5
5
tT
Transition Time (Rise and Fall)
2
50
50
50
2
2
7
Capacitance (VCC = 5V+/-10%, TA = 25C)
Symbol
Parameter
Note
CI1
CI2
CI/O
Input Capacitance (Address)
Input Capacitance (Clocks)
Output Capacitance (Data-In/Out)
1
1
1, 2
Unit
pF
Max
5
7
7
Min
-
-
-
Note: 1. Capacitance measured with Boonton Meter or effective capacitance measuring method.
2. LCAS and UCAS = VIH to disable DOUT.
AC Characteristics (VCC = 5V+/-10%, TA = 0 ~ +70C, Note 1, 2, 18, 19, 20)
tDZO
OE Delay Time from DIN
0
-
-
-
0
0
tDZC
CAS Delay Time from DIN
0
-
-
-
0
0
GM71C(S)18163
C/CL-5
OE to DIN Delay Time
13
-
-
-
15
18
5
6
6
tCP
CAS Precharge Time
7
-
10
-
13
-
tODD
Test Conditions
Input rise and fall times : 2 ns
Output timing reference levels : 0.8V, 2.0V
Input levels : VIL = 0V, VIH = 3V
Output load : 1TTL gate + CL (100 pF)
Input timing reference levels : 0.8V, 2.4V
(Including scope and jig)
GM71C(S)18163
C/CL-6
GM71C(S)18163
C/CL-7
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
pF
pF
21
21
22
23


Similar Part No. - GM71C18163C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM71C17400C HYNIX-GM71C17400C Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17400CJ HYNIX-GM71C17400CJ Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17400CLJ-5 HYNIX-GM71C17400CLJ-5 Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17400CLJ-6 HYNIX-GM71C17400CLJ-6 Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17400CLJ-7 HYNIX-GM71C17400CLJ-7 Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
More results

Similar Description - GM71C18163C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM71V18163C HYNIX-GM71V18163C Datasheet
113Kb / 11P
   1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
logo
LG Semicon Co.,Ltd.
GM71C4403C LG-GM71C4403C Datasheet
108Kb / 10P
   1,048,576 WORDS x 4BIT CMOS DYNAMIC RAM
GM71S4400C LG-GM71S4400C Datasheet
104Kb / 9P
   1,048,576 WORDS x 4BIT CMOS DYNAMIC RAM
logo
Vanguard International ...
VG26VS18165C VML-VG26VS18165C Datasheet
231Kb / 27P
   1,048,576 x 16 - Bit CMOS Dynamic RAM
logo
Toshiba Semiconductor
THM321000S-80 TOSHIBA-THM321000S-80 Datasheet
482Kb / 17P
   1,048,576 WORDS x 32 BIT DYNAMIC RAM MODULE
THM321020S-80 TOSHIBA-THM321020S-80 Datasheet
442Kb / 17P
   1,048,576 WORDS x 32 BIT DYNAMIC RAM MODULE
THM361020S-80 TOSHIBA-THM361020S-80 Datasheet
473Kb / 17P
   1,048,576 WORDS x 36 BIT DYNAMIC RAM MODULE
logo
Hynix Semiconductor
GM71CS17403C HYNIX-GM71CS17403C Datasheet
97Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17800C HYNIX-GM71C17800C Datasheet
92Kb / 9P
   2,097,152 WORDS x 8 BIT CMOS DYNAMIC RAM
GM71C17400C HYNIX-GM71C17400C Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com