Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

39890-0628 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39890-0628
Description  5.08mm Pitch, Beau Eurostyle Low Profile
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

39890-0628 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39890-0628 Datasheet HTML 1Page - Molex Electronics Ltd. 39890-0628 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 12/22/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
39890-0628
Status:
Active
Overview:
Eurostyle™ Terminal Blocks
Description:
5.00mm Pitch Beau™ Eurostyle™ Medium Profile, Two Level Terminal Block, Modular,
28 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
CSA
LR25562
UL
E48521
General
Product Family
Terminal Blocks
Series
39890
Application
N/A
Component Type
One Piece
Overview
Eurostyle™ Terminal Blocks
Product Name
Eurostyle™Multi-Level
Type
Euro Block
UPC
822348844371
Physical
Circuits (Loaded)
28
Circuits (maximum)
28
Entry Angle
Horizontal
Flammability
94V-0
Lock to Mating Part
None
Number of Rows
2
Orientation
Vertical
PC Tail Length
3.81mm
PCB Retention
N/A
PCB Thickness - Recommended
2.60mm
Panel Mount
No
Pitch - Mating Interface
5.00mm
Pitch - Termination Interface
5.00mm
Polarized to Mating Part
No
Shrouded
Fully
Stackable
Yes
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
105°C
Wire Size AWG
12, 14, 16, 18, 20, 22, 24, 26, 28, 30
Wire Size mm²
0.20 - 2.50
Electrical
Current - Maximum per Contact
17.5A
Voltage - Maximum
150V
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Material Info
Old Part Number
892228
Reference - Drawing Numbers
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39890Series


Similar Part No. - 39890-0628

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39890-0620 MOLEX11-39890-0620 Datasheet
40Kb / 2P
   5.08mm Pitch, Beau Eurostyle Low Profile
39890-0624 MOLEX11-39890-0624 Datasheet
40Kb / 2P
   5.08mm Pitch, Beau Eurostyle Low Profile
More results

Similar Description - 39890-0628

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39890-0303 MOLEX11-39890-0303 Datasheet
37Kb / 2P
   5.08mm Pitch, Beau Eurostyle Low Profile
39890-0308 MOLEX11-39890-0308 Datasheet
37Kb / 2P
   5.08mm Pitch, Beau Eurostyle Low Profile
39890-0310 MOLEX11-39890-0310 Datasheet
37Kb / 2P
   5.08mm Pitch, Beau Eurostyle Low Profile
39890-0314 MOLEX11-39890-0314 Datasheet
37Kb / 2P
   5.08mm Pitch, Beau Eurostyle Low Profile
39880-1048 MOLEX11-39880-1048 Datasheet
40Kb / 1P
   5.08mm Pitch, Beau Eurostyle Low Profile
39880-1205 MOLEX11-39880-1205 Datasheet
40Kb / 1P
   5.08mm Pitch, Beau Eurostyle Low Profile
39880-1212 MOLEX11-39880-1212 Datasheet
40Kb / 1P
   5.08mm Pitch, Beau Eurostyle Low Profile
39880-1224 MOLEX11-39880-1224 Datasheet
40Kb / 1P
   5.08mm Pitch, Beau Eurostyle Low Profile
39880-0780 MOLEX11-39880-0780 Datasheet
40Kb / 1P
   5.08mm Pitch, Beau Eurostyle Low Profile
39880-0906 MOLEX11-39880-0906 Datasheet
40Kb / 2P
   5.08mm Pitch, Beau Eurostyle Low Profile
39890-0624 MOLEX11-39890-0624 Datasheet
40Kb / 2P
   5.08mm Pitch, Beau Eurostyle Low Profile
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com