Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51CC02 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # T89C51CC02
Description  Flash/EEPROM ??First Read After Load Disturbed
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02 Datasheet(HTML) 2 Page - ATMEL Corporation

  T89C51CC02_14 Datasheet HTML 1Page - ATMEL Corporation T89C51CC02_14 Datasheet HTML 2Page - ATMEL Corporation T89C51CC02_14 Datasheet HTML 3Page - ATMEL Corporation T89C51CC02_14 Datasheet HTML 4Page - ATMEL Corporation T89C51CC02_14 Datasheet HTML 5Page - ATMEL Corporation T89C51CC02_14 Datasheet HTML 6Page - ATMEL Corporation T89C51CC02_14 Datasheet HTML 7Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
4160F–CAN–05/06
T89C51CC02 Errata Sheet
5.
Timer 2 (Baud Rate Generator Mode) – Long Start Time
When Timer 2 is used as baud rate generator, TH2 is not loaded with RACP2H at the beginning, then UART is not
operational before almost 10,000 machine cycles.
Workaround
In the software add an initialization of TH2 and TL2, with the value of RCAP2H and RCAP2L.
6.
UART - RB8 Lost With JBC on SCON Register
When using the JBC instruction on any bit of SCON register, if RB8 changes from 1 to 0, the 0 bit can be lost.
Workaround
After each use clear RB8.
7.
CAN – CANCONCH Harmless Corruption
When a stuff error occurs during a CAN frame transmission on DPRAM write access, the CONCH1, CONCH0 bits in
CANCONCH are corrupted. This corruption has no effect on the correct behavior of the Transmit channel.
Workaround
No workaround required, re-writing CANCONCH to start a new message takes care of the corruption.
8.
ADC - Interrupt Controller/ADC Idle Mode/Loops In High Priority Interrupt
The problem occurs during an A/D conversion in idle mode, if a hardware interrupt occurs followed by a second inter-
rupt with higher priority before the end of the A/D conversion. If the above configuration occurs, the highest priority
interrupt is served immediately after the A/D conversion. At the end of the highest priority interrupt service, the proces-
sor will not serve the hardware reset interrupt pending. It will also not serve any new interrupt requests with a priority
lower than the high level priority last served.
Workaround
Disable all interrupts (Interrupt Global Enable Bit) before starting an A/D conversion in idle mode, then re-enable all
interrupts immediately after.
9.
Flash/EEPROM – First Read After Load Disturbed
In the "In-Application Programming" mode from the Flash, if the User software application load the Column Latch Area
prior to call the programming sequence in the CAN Bootloader.
The "Read after load" issue leads to a wrong Opcode Fetch during the column latch load sequence.
Workaround
Update of the Flash API Library. A NOP instruction has to be inserted after the load instruction.
MOVX @DPTR,A ;Load Column latches
NOP ; ADDED INSTRUCTION
10. CAN – Sporadic Errors
When BRP = 0 or when BRP > 0 and SMP = 0, the CAN controller may de synchronize and send one error frame to
ask for the retransmission of the incoming frame, even though it had no error.
This is likely to occur with BRP = 0 or after long inter frame periods without synchronization (low bus load). The CAN
macro can still properly synchronize on frames following the error.
Workaround
Setting BRP greater than 0 in CANBT1 and SMP equals 1 in CANBT3 allows re-synchronization with the majority vote,
and thus fixes the issue. The sampling point might have to be slightly advanced for the majority vote to take place
within the bit. Therefore, at maximum speed of 1Mbit/s, the sampling point should be at less than 80% (e.g. 75%) for
XTAL = 16MHz or less than 85% (e.g. 80%) for XTAL = 20 MHz.


Similar Part No. - T89C51CC02_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51CC02 ATMEL-T89C51CC02_14 Datasheet
1Mb / 7P
   Boot Code Section with Independent Lock Bits
More results

Similar Description - T89C51CC02_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51AC2 ATMEL-AT89C51AC2_14 Datasheet
115Kb / 9P
   Flash/EEPROM ??First Read After Write Disturbed
T89C51AC2 ATMEL-T89C51AC2_14 Datasheet
115Kb / 9P
   Flash/EEPROM ??First Read After Write Disturbed
AT89C51CC03 ATMEL-AT89C51CC03_14 Datasheet
327Kb / 7P
   Read/Write Flash and EEPROM Memories
T89C51CC01 ATMEL-T89C51CC01_14 Datasheet
346Kb / 32P
   Read/Write Flash and EEPROM Memories
logo
Texas Instruments
ADS8371EVM TI-ADS8371EVM Datasheet
516Kb / 33P
[Old version datasheet]   Read This First
logo
ATMEL Corporation
ATMEGA16U4 ATMEL-ATMEGA16U4_14 Datasheet
195Kb / 28P
   Read/Write Flash and EEPROM on-chip memories
ATAM894 ATMEL-ATAM894_14 Datasheet
1Mb / 97P
   Read Protection for the EEPROM Program Memory
logo
Winbond
W55FXX WINBOND-W55FXX Datasheet
75Kb / 7P
   SERIAL FLASH EEPROM SERIES
logo
Sanyo Semicon Device
LE28F1101T-40 SANYO-LE28F1101T-40 Datasheet
182Kb / 15P
   1M(65536words횞16bits) Flash EEPROM
logo
Holtek Semiconductor In...
HT66F20-1 HOLTEK-HT66F20-1 Datasheet
7Mb / 211P
   Flash MCU with EEPROM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com