Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GDC21D301A Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # GDC21D301A
Description  Transport Decoder
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GDC21D301A Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button GDC21D301A Datasheet HTML 4Page - Hynix Semiconductor GDC21D301A Datasheet HTML 5Page - Hynix Semiconductor GDC21D301A Datasheet HTML 6Page - Hynix Semiconductor GDC21D301A Datasheet HTML 7Page - Hynix Semiconductor GDC21D301A Datasheet HTML 8Page - Hynix Semiconductor GDC21D301A Datasheet HTML 9Page - Hynix Semiconductor GDC21D301A Datasheet HTML 10Page - Hynix Semiconductor GDC21D301A Datasheet HTML 11Page - Hynix Semiconductor GDC21D301A Datasheet HTML 12Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
9
GDC21D301A
Pin Description (continued)
NAME
PIN
TYPE
DESCRIPTION
HOST PROCESSOR INTERFACE
\DSP_STRB
127
I
Host Strobe (active low) : Asynchronous.
Used by the host processor to access the GDC21D301A. When
DSP_STRB
signal
is
active,
DSP_ADDR[22:0],
DSP_DATA[15:0], and DSP_PD should be valid.
DSP_RWB
128
I
Read/Write (active low) : Asynchronous.
The state of this signal defines data transfer type.
0 : Write to the device
1: Read from the device
\DSP_PD
129
I
Transport Decoder Chip Selection (active low).
This signal is used to activate and access the internal registers
of the GDC21D301A, the video decoder, the audio decoder, the
data decoder, and DRAM.
DSP_ADDR[22:0]
133,134,135,
136,137,138,
139,140,141,
142,143,144,
145,146,147,
148,149,150,
151,152,153,
154,155
I
Host Address Bus.
These signals are connected to the address bus of the host
processor interfaced with the GDC21D301A, the video
decoder, the audio decoder, the data decoder, and DRAM.
0x4FFFFF ~ 0x4C0000 : Transport Decoder address space
0x5BFFFF ~ 0x480000 : Video decoder space
0x47FFFF ~ 0x440000 : Audio decoder space
0x43FFFF ~ 0x400000 : Auxiliary data decoder space
0x3FFFFF ~ 0x000000 : DRAM space
BIT8MODE
156
I
Host Interface Mode Selection.
0 : 16-bit data bus interface
1 : 8-bit data bus interface
DSP_DATA[15:0]
3, 2, 1, 176,
174,173,172,
171,169,168,
167,166,164,
163,162,161
I/O/Z
Host Data Bus.
These signals are connected to the address bus of external host
processor.
DSP_READY
6
O/Z
Data Acknowledge (active high)
DSP_INT
5
O
Interrupt Request (active high)


Similar Part No. - GDC21D301A

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GDC21D003 HYNIX-GDC21D003 Datasheet
1Mb / 77P
   VSB Receiver
GDC21D401B HYNIX-GDC21D401B Datasheet
694Kb / 28P
   Video Decoder
GDC21D601 HYNIX-GDC21D601 Datasheet
4Mb / 189P
   32-Bit RISC MCU
GDC21D701C HYNIX-GDC21D701C Datasheet
540Kb / 67P
   Video Display Processor
More results

Similar Description - GDC21D301A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7214 PHILIPS-SAA7214 Datasheet
72Kb / 12P
   Transport MPEG2 source decoder
2001 Mar 28
logo
Fujitsu Component Limit...
FLX600A FUJITSU-FLX600A Datasheet
66Kb / 2P
   SDH TRANSPORT
logo
Emcore Corporation
OTP-1DVI2A1D1KM EMCORE-OTP-1DVI2A1D1KM Datasheet
98Kb / 2P
   Media Transport
logo
Fujitsu Component Limit...
MB87L2250 FUJITSU-MB87L2250 Datasheet
127Kb / 6P
   MPEG2 Transport, Video and Audio Decoder with integrated 32-Bit RISC CPU
logo
MRV Communications, Inc...
EM316-2SFP MRV-EM316-2SFP Datasheet
154Kb / 2P
   Optical Transport Solutions
logo
Emcore Corporation
2801P-T-1310-ST EMCORE-2801P-T-1310-ST Datasheet
103Kb / 2P
   Multimode CATV Transport
logo
NXP Semiconductors
UM10569 PHILIPS-UM10569 Datasheet
330Kb / 15P
   Store and transport requirements
Rev. 3.00-9 March 2015
logo
Maxim Integrated Produc...
DS33Z41DK MAXIM-DS33Z41DK Datasheet
2Mb / 44P
   Ethernet Transport Design Kit
REV: 110106
logo
NXP Semiconductors
SAA7219 PHILIPS-SAA7219 Datasheet
84Kb / 20P
   MPEG2 Transport RISC processor
1999 Sep 20
logo
Emcore Corporation
2990PRO EMCORE-2990PRO Datasheet
78Kb / 2P
   DBS L-Band Transport
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com