Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT87C5111 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT87C5111
Description  Programmable I/O Mode Standard C51, Input Only, Push-pull, Open Drain
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87C5111 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT87C5111_14 Datasheet HTML 1Page - ATMEL Corporation AT87C5111_14 Datasheet HTML 2Page - ATMEL Corporation AT87C5111_14 Datasheet HTML 3Page - ATMEL Corporation AT87C5111_14 Datasheet HTML 4Page - ATMEL Corporation AT87C5111_14 Datasheet HTML 5Page - ATMEL Corporation AT87C5111_14 Datasheet HTML 6Page - ATMEL Corporation AT87C5111_14 Datasheet HTML 7Page - ATMEL Corporation AT87C5111_14 Datasheet HTML 8Page - ATMEL Corporation AT87C5111_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 86 page
background image
Rev. 4190B–8051–02/08
Features
80C51 Compatible
– Three I/O Ports
– Two 16-bit Timer/Counters
– 256 Bytes RAM
4K Bytes ROM/OTP Program Memory with 64 Bytes Encryption Array and 3 Security
Levels
High-Speed Architecture
– 33 MHz at 5V (66 MHz Equivalent)
– 20 MHz at 3V (40 MHz Equivalent)
– X2 Speed Improvement Capability (6 Clocks/Machine Cycle)
10-bit, 8 Channels A/D Converter
Hardware Watchdog Timer
Programmable I/O Mode: Standard C51, Input Only, Push-pull, Open Drain
Asynchronous Port Reset
Full Duplex Enhanced UART with Baud Rate Generator
SPI, Master Mode
Dual System Clock
– Crystal or Ceramic Oscillator (33/40 MHz)
– Internal RC Oscillator (12 MHz)
– Programmable Prescaler
Programmable Counter Array with High-speed Output, Compare/Capture, Pulse Width
Modulation and Watchdog Timer Capabilities
Interrupt Structure
– 8 Interrupt Sources
– 4 Interrupt Priority Levels
Power Control Modes
– Idle Mode
– Power-down Mode
– Power-off Flag
Power Supply: 2.7 - 5.5V
Temperature Range: Industrial (-40 to 85oC)
Package: SO24, DIL24, SSOP24
Description
The AT8xC5111 is a high-performance ROM/OTP version of the 80C51 8-bit micro-
controller in low pin count package.
The AT8xC5111 retains all the features of the standard 80C51 with 4K Bytes
ROM/OTP program memory, 256 bytes of internal RAM, an 8-source, 4-level interrupt
system, an on-chip oscillator and two timer/counters.
The AT8xC5111 is dedicated for analog interfacing applications. For this, it has a 10-
bit, 8 channels A/D converter and a five-channel Programmable Counter Array.
In addition, the AT8xC5111 has a Hardware Watchdog Timer, a versatile serial chan-
nel that facilitates multiprocessor communication (EUART) with an independent baud
rate generator, an SPI serial bus controller and a X2 speed improvement mechanism.
The X2 feature permits keeping the same CPU power at an oscillator frequency
divided by two. The prescaler allows to decrease CPU and peripherals clock
frequency.
The fully static design of the AT8xC5111 can reduce system power consumption by
bringing the clock frequency down to any value, even DC, without loss of data.
The AT8xC5111 has 3 software-selectable modes of reduced activity for further reduc-
tion in power consumption. In the idle mode, the CPU is frozen while the peripherals
are still operating. In the quiet mode, only the A/D converter is operating.
Low Pin Count
8-bit
Microcontroller
with A/D
Converter
AT83C5111
AT87C5111


Similar Part No. - AT87C5111_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT87C5111-3ZSIL ATMEL-AT87C5111-3ZSIL Datasheet
1Mb / 86P
   Low Pin Count 8-bit Microcontroller with A/D Converter
AT87C5111-ICRIL ATMEL-AT87C5111-ICRIL Datasheet
1Mb / 86P
   Low Pin Count 8-bit Microcontroller with A/D Converter
AT87C5111-ICSIL ATMEL-AT87C5111-ICSIL Datasheet
1Mb / 86P
   Low Pin Count 8-bit Microcontroller with A/D Converter
AT87C5111-TDRIL ATMEL-AT87C5111-TDRIL Datasheet
1Mb / 86P
   Low Pin Count 8-bit Microcontroller with A/D Converter
AT87C5111-TDSIL ATMEL-AT87C5111-TDSIL Datasheet
1Mb / 86P
   Low Pin Count 8-bit Microcontroller with A/D Converter
More results

Similar Description - AT87C5111_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV7235 TI1-LMV7235 Datasheet
1Mb / 30P
[Old version datasheet]   Open-Drain and Push-Pull Output
logo
Renesas Technology Corp
HA1631S01 RENESAS-HA1631S01 Datasheet
272Kb / 23P
   Single CMOS Comparator (Push Pull/Open Drain Output)
HA1631S01020304 RENESAS-HA1631S01020304_15 Datasheet
509Kb / 24P
   Single CMOS Comparator (Push Pull/Open Drain Output)
HA1631D01 RENESAS-HA1631D01_15 Datasheet
644Kb / 29P
   Dual CMOS Comparator (Push Pull/Open Drain Output)
HA1631S01 RENESAS-HA1631S01_06 Datasheet
444Kb / 23P
   Single CMOS Comparator (Push Pull/Open Drain Output)
HA1631D01 RENESAS-HA1631D01 Datasheet
627Kb / 27P
   Dual CMOS Comparator (Push Pull/Open Drain Output)
logo
Maxim Integrated Produc...
MAX7325 MAXIM-MAX7325_12 Datasheet
217Kb / 17P
   I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
Rev 1; 9/12
MAX7325 MAXIM-MAX7325_14 Datasheet
193Kb / 17P
   I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
Rev 1; 9/12
MAX7325 MAXIM-MAX7325_V01 Datasheet
1,008Kb / 17P
   I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
19-3807; Rev 2; 12/15
MAX7325 MAXIM-MAX7325 Datasheet
260Kb / 19P
   I2C Port Expander with 8 Push-Pull and 8 Open-Drain I/Os
Rev 0; 9/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com