Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFS17W_2015 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFS17W_2015
Description  NPN 1 GHz wideband transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFS17W_2015 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BFS17W_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS17W_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS17W_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS17W_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS17W_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS17W_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1995 Sep 04
2
Philips Semiconductors
Product specification
NPN 1 GHz wideband transistor
BFS17W
APPLICATIONS
Primarily intended as a mixer,
oscillator and IF amplifier in UHF and
VHF tuners.
DESCRIPTION
Silicon NPN transistor in a plastic
SOT323 (S-mini) package. The
BFS17W uses the same crystal as
the SOT23 version, BFS17.
PINNING
PIN
DESCRIPTION
1
base
2
emitter
3
collector
Fig.1 SOT323
handbook, 2 columns
3
12
MBC870
Top view
Marking code: E1
QUICK REFERENCE DATA
Note
1. Ts is the temperature at the soldering point of the collector pin.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Ts is the temperature at the soldering point of the collector pin.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCBO
collector-base voltage
−−
25
V
VCEO
collector-emitter voltage
−−
15
V
IC
DC collector current
−−
50
mA
Ptot
total power dissipation
up to Ts =118 °C; note 1
−−
300
mW
hFE
DC current gain
IC = 2 mA; VCE = 1 V
25
90
fT
transition frequency
IC = 25 mA; VCE =5V
1.6
GHz
Cc
collector capacitance
IE = 0; VCB = 10 V; f = 1 MHz
0.8
1.5
pF
Cre
feedback capacitance
IC = 1 mA; VCE =5V; f=1MHz
0.75
pF
Tj
junction temperature
−−
175
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
25
V
VCEO
collector-emitter voltage
open base
15
V
VEBO
emitter-base voltage
open collector
2.5
V
IC
collector current (DC)
50
mA
Ptot
total power dissipation
Ts =118 °C; note 1
300
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
175
°C


Similar Part No. - BFS17W_2015

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFS17W INFINEON-BFS17W_07 Datasheet
70Kb / 7P
   NPN Silicon RF Transistor
2007-03-30
BFS17W INFINEON-BFS17W_11 Datasheet
519Kb / 7P
   NPN Silicon RF Transistor
2011-07-20
logo
Quanzhou Jinmei Electro...
BFS17W JMNIC-BFS17W_15 Datasheet
40Kb / 6P
   NPN 1 GHz wideband transistor
More results

Similar Description - BFS17W_2015

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFS17W JMNIC-BFS17W_15 Datasheet
40Kb / 6P
   NPN 1 GHz wideband transistor
logo
NXP Semiconductors
BF747 PHILIPS-BF747 Datasheet
96Kb / 11P
   NPN 1 GHz wideband transistor
September 1995
BFQ17 PHILIPS-BFQ17 Datasheet
35Kb / 6P
   NPN 1 GHz wideband transistor
September 1995
logo
Quanzhou Jinmei Electro...
BFS17 JMNIC-BFS17_15 Datasheet
39Kb / 6P
   NPN 1 GHz wideband transistor
logo
NXP Semiconductors
BF547W PHILIPS-BF547W Datasheet
83Kb / 12P
   NPN 1 GHz wideband transistor
June 1994
BFS17 PHILIPS-BFS17 Datasheet
37Kb / 6P
   NPN 1 GHz wideband transistor
September 1995
BFS17W PHILIPS-BFS17W Datasheet
46Kb / 6P
   NPN 1 GHz wideband transistor
1995 Sep 04
logo
Quanzhou Jinmei Electro...
BFS17_2015 JMNIC-BFS17_2015 Datasheet
39Kb / 6P
   NPN 1 GHz wideband transistor
logo
NXP Semiconductors
BF547 PHILIPS-BF547 Datasheet
96Kb / 11P
   NPN 1 GHz wideband transistor
September 1995
BFG91 PHILIPS-BFG91 Datasheet
544Kb / 10P
   NPN 6 GHZ WIDEBAND TRANSISTOR
November 1992
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com