Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFG591_2015 Datasheet(PDF) 9 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFG591_2015
Description  NPN 7 GHz wideband transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFG591_2015 Datasheet(HTML) 9 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BFG591_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG591_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG591_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG591_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG591_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG591_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG591_2015 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG591_2015 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG591_2015 Datasheet HTML 12Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
1995 Sep 04
9
Philips Semiconductors
Product specification
NPN 7 GHz wideband transistor
BFG591
VCE = 12 V; IC =70mA.
Fig.13 Common emitter reverse transmission coefficient (s12); typical values.
handbook, full pagewidth
MGC801
0 o
90o
135o
180 o
90o
0.5
0.4
0.3
0.2
0.1
45 o
135o
45 o
40 MHz
3 GHz
VCE = 12 V; IC = 70 mA; Zo =50 Ω.
Fig.14 Common emitter output reflection coefficient (s22); typical values.
handbook, full pagewidth
MGC802
0
0 o
0.2
0.6
0.4
0.8
1.0
1.0
45 o
90 o
135 o
180 o
45 o
90 o
135 o
5
2
1
0.5
0.2
0
0.2
0.5
1
2
5
0.2
1
2
5
3 GHz
40 MHz
0.5


Similar Part No. - BFG591_2015

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFG591 JMNIC-BFG591_15 Datasheet
82Kb / 12P
   NPN 7 GHz wideband transistor
More results

Similar Description - BFG591_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG197 PHILIPS-BFG197 Datasheet
93Kb / 13P
   NPN 7 GHz wideband transistor
1995 Sep 13
logo
Quanzhou Jinmei Electro...
BFG591 JMNIC-BFG591_15 Datasheet
82Kb / 12P
   NPN 7 GHz wideband transistor
BFQ591 JMNIC-BFQ591_15 Datasheet
77Kb / 12P
   NPN 7 GHz wideband transistor
logo
List of Unclassifed Man...
BFG741 ETC1-BFG741 Datasheet
78Kb / 1P
   NPN 7 GHz WIDEBAND TRANSISTOR
logo
Quanzhou Jinmei Electro...
BFQ591_2015 JMNIC-BFQ591_2015 Datasheet
77Kb / 12P
   NPN 7 GHz wideband transistor
logo
NXP Semiconductors
BFQ591 PHILIPS-BFQ591 Datasheet
72Kb / 11P
   NPN 7 GHz wideband transistor
Rev. 04-2 October 2007
BFQ591 PHILIPS-BFQ591 Datasheet
263Kb / 11P
   NPN 7 GHz wideband transistor
Rev. 04-2 October 2007
BFQ591 NXP-BFQ591 Datasheet
251Kb / 11P
   NPN 7 GHz wideband transistor
Rev. 04-2 October 2007
BFG591 PHILIPS-BFG591 Datasheet
106Kb / 12P
   NPN 7 GHz wideband transistor
1995 Sep 04
BFQ621 PHILIPS-BFQ621 Datasheet
108Kb / 10P
   NPN 7 GHz wideband transistor
1995 Sep 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com