Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MG7050HAN Datasheet(PDF) 2 Page - Epson Company

Part # MG7050HAN
Description  Multi output SAW Oscillator (MOSO)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

MG7050HAN Datasheet(HTML) 2 Page - Epson Company

  MG7050HAN Datasheet HTML 1Page - Epson Company MG7050HAN Datasheet HTML 2Page - Epson Company MG7050HAN Datasheet HTML 3Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Crystal oscillator
2-outputs
4-outputs
Output line
Differential Zo
HCSL load
L_HCSL
Shunt resistor
Rs
ZSEL
H
100 Ω
50 Ω
33 Ω
L
85 Ω
42.2 Ω
27 Ω
External dimensions
(Unit :mm)
Footprint (Recommended) (Unit :mm)
Pin
Connection
2-outputs
4-outputs
1
VCC1
2
GND
OUT1P
3
OUT1P
OUT1N
4
OUT1N
OUT2P
5
GND
OUT2N
6
ZSEL
7
OE
8
GND
OUT3N
9
OUT2N
OUT3P
10
OUT2P
OUT4N
11
GND
OUT4P
12
VCC2
13
VCC
14
GND
Block diagram
ZSEL function
OE pin = “H” : Specified frequency output.
OE pin = “L” : Output is high impedance
#14 is connected to the cover.
To maintain stable operation, provide a 0.01 μF to 0.1 µF
by-pass capacitor at a location as near as possible to the
power source terminal of the crystal product (between
VCC, VCC1, VCC2 - GND).
Vcc1
Vcc1
Vcc2
Vcc2
Vcc2
OUT1P
OUT1N
OUT2P
OUT2N
OUT3P
OUT3N
OUT4P
OUT4N
OE
Divider2
Vcc1
Divider1
Vcc
SAW
OSC
SAW
ZSEL
Vcc1
Vcc2
Vcc2
OUT1P
OUT1N
OUT2P
OUT2N
OE
Divider2
Vcc1
Divider1
Vcc
SAW
OSC
SAW
ZSEL


Similar Part No. - MG7050HAN

ManufacturerPart #DatasheetDescription
logo
Epson Company
MG7050EAN EPSON-MG7050EAN Datasheet
418Kb / 3P
   Multi output SAW Oscillator (MOSO)
MG7050VAN EPSON-MG7050VAN Datasheet
417Kb / 3P
   Multi output SAW Oscillator (MOSO)
More results

Similar Description - MG7050HAN

ManufacturerPart #DatasheetDescription
logo
Epson Company
MG7050EAN EPSON-MG7050EAN Datasheet
418Kb / 3P
   Multi output SAW Oscillator (MOSO)
MG7050VAN EPSON-MG7050VAN Datasheet
417Kb / 3P
   Multi output SAW Oscillator (MOSO)
logo
Pletronics, Inc.
FD7T PLETRONICS-FD7T Datasheet
296Kb / 19P
   Multi-Output CMOS Clock Oscillator
logo
Vectron International, ...
PS-501 VECTRON-PS-501 Datasheet
649Kb / 6P
   SAW Oscillator
PS-508 VECTRON-PS-508 Datasheet
771Kb / 6P
   SAW Oscillator
PS-701 VECTRON-PS-701 Datasheet
649Kb / 6P
   SAW Oscillator
logo
Microsemi Corporation
PS-501 MICROSEMI-PS-501 Datasheet
649Kb / 6P
   SAW Oscillator
logo
Crystek Corporation
CCS575S CRYSTEKCRYSTAL-CCS575S Datasheet
139Kb / 2P
   SAW Clock Oscillator
logo
CRYSTEK CORPORATION
CCSO-014-1090 CRYSTEKMICROWAVE-CCSO-014-1090 Datasheet
359Kb / 2P
   SAW Clock Oscillator
logo
Crystek Corporation
CCSO-014-1090 CRYSTEKCRYSTAL-CCSO-014-1090 Datasheet
130Kb / 2P
   SAW Clock Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com