Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EG-4101CA Datasheet(PDF) 2 Page - Epson Company

Part # EG-4101CA
Description  LOW-JITTER SAW OSCILLATOR (SPSO)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

EG-4101CA Datasheet(HTML) 2 Page - Epson Company

  EG-4101CA Datasheet HTML 1Page - Epson Company EG-4101CA Datasheet HTML 2Page - Epson Company EG-4101CA Datasheet HTML 3Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Crystal oscillator
►HCSL Output
Item
Symbol
EG-4121CA H
EG-4101CA H
Conditions / Remarks
HCSL
Output frequency range
f0
100 MHz to 200 MHz
Please contact us about available frequencies.
Supply voltage
VCC
2.5 V
0.125 V
3.3 V
0.3 V
Storage temperature
T_stg
-55
C to +125 C
Storage as single product.
Operating temperature
T_use
W:-40
C to +85 C
Frequency tolerance
f_tol
G:
 50  10-6
Current consumption
ICC
35 mA Max.
OE=VCC,L_HCSL=50
Disable current
I_dis
15 mA Max.
OE=GND
Symmetry
SYM
45 % to 55 %
at outputs crossing point
Output Voltage
VOH
0.75 V Typ.
DC characteristics
VOL
-0.3 V Typ.
Output load condition (HCSL)
L_HCSL
50
Terminated to GND
Input voltage
VIH
70 % VCC Min.
OE terminal
VIL
30 % VCC Max.
Rise time / Fall time
tr / tf
500 ps Max.
Between 0.175 V and 0.525 V of output
Start-up time
t_str
10 ms Max.
Time at minimum supply voltage to be 0 s
Phase Jitter
tPJ
0.3 ps Max.
f0
 160 MHz
Offset frequency:
12 kHz to 20 MHz
0.4 ps Max.
160 MHz
 f0  175 MHz
0.2 ps Max.
f0 >175 MHz
Product Name
EG-4121 CA 250.000000MHz P G W A
(Standard form)
④⑤⑥⑦
①Model
②Package type ③Frequency
④Output(P:LV-PECL, L:LVDS, H: HCSL)
⑤Frequency tolerance ⑥Operating temperature
⑦Frequency aging (A*1: Frequency tolerance include aging)
*1
This includes initial frequency tolerance, temperature variation, supply voltage variation, reflow drift, and aging(+25
C,10 years).
Table 2 Jitter
Item
Symbol
Specifications
Remarks
Jitter *
tDJ
0.3 ps Typ.
Deterministic Jitter
tRJ
2 ps Typ.
Random Jitter
tRMS
2 ps Typ.
 (RMS of total distribution)
tp-p
20 ps Typ.
Peak to Peak
tacc
3 ps Typ.
Accumulated Jitter(
) n=2 to 50000 cycles
* Tested using a DTS-2075 Digital timing system made by WAVECREST with jitter analysis software VISI6.
: LV-PECL, LVDS output
* Based on SIA-3100C signal integrity analyzer made from WAVECREST.
: HCSL output
External dimensions
(Unit:mm)
Footprint (Recommended)
(Unit:mm)
⑤Frequency tolerance
G
±50 × 10
-6
⑥Operating temp.
W
-40 to +85°C
Pin map
Pin
Connection
1
OE *
2
N.C.
3
GND
4
OUT
5
OUT
6
VCC
*) Standby function is built-in
(Only LV-PECL output model).
5.08
5.08
#4
#3
#2
#1
1.4
#5
#6
2.54
7.0±0.2
#1
#2
#4
#6
E EG-4121
GWA 282A
250.000H
#3
#5
OE pin = HIGH : Specified frequency output.
OE pin = LOW : Output is high impedance
#3 is connected to the cover.
5.08
1.6
2.54
To maintain stable operation, provide a 0.01 µF to
0.1 µF by-pass capacitor at a location as near as
possible to the power source terminal of the crystal
product (between VCC - GND).


Similar Part No. - EG-4101CA

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
EG-4-01 RICHCO-EG-4-01 Datasheet
49Kb / 1P
   EXPANSION GROMMET
logo
Festo Corporation.
EG-4-10-PK-2 FESTO-EG-4-10-PK-2 Datasheet
81Kb / 1P
   Round cylinder
EG-4-15-PK-2 FESTO-EG-4-15-PK-2 Datasheet
81Kb / 1P
   Round cylinder
EG-4-20-PK-2 FESTO-EG-4-20-PK-2 Datasheet
80Kb / 1P
   Round cylinder
EG-4-5-PK-2 FESTO-EG-4-5-PK-2 Datasheet
81Kb / 1P
   Round cylinder
More results

Similar Description - EG-4101CA

ManufacturerPart #DatasheetDescription
logo
Epson Company
EG-2002CA EPSON-EG-2002CA Datasheet
375Kb / 2P
   LOW-JITTER SAW OSCILLATOR (SPSO)
EG-2021CA EPSON-EG-2021CA Datasheet
382Kb / 2P
   LOW-JITTER SAW OSCILLATOR (SPSO)
EA-2102CB EPSON-EA-2102CB Datasheet
372Kb / 2P
   LOW-JITTER SAW OSCILLATOR (SPSO)
EG-2123CB EPSON-EG-2123CB Datasheet
372Kb / 2P
   LOW-JITTER SAW OSCILLATOR (SPSO)
EG-2121CB EPSON-EG-2121CB Datasheet
367Kb / 2P
   LOW-JITTER SAW OSCILLATOR (SPSO)
XG-1000CA EPSON-XG-1000CA Datasheet
373Kb / 2P
   LOW-JITTER SAW OSCILLATOR (SPSO)
XG-2123CA EPSON-XG-2123CA Datasheet
630Kb / 2P
   LOW-JITTER SAW OSCILLATOR (SPSO)
XG-2121CA EPSON-XG-2121CA Datasheet
338Kb / 2P
   LOW-JITTER SAW OSCILLATOR (SPSO)
XG5032HAN EPSON-XG5032HAN Datasheet
408Kb / 2P
   LOW-JITTER SAW OSCILLATOR (SPSO)
EG-2101CA EPSON-EG-2101CA Datasheet
367Kb / 2P
   LOW-JITTER SAW OSCILLATOR (SPSO)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com