Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2730 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM2730
Description  Rail-to-Rail Input/Output Single Operational Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2730 Datasheet(HTML) 1 Page - New Japan Radio

  NJM2730 Datasheet HTML 1Page - New Japan Radio NJM2730 Datasheet HTML 2Page - New Japan Radio NJM2730 Datasheet HTML 3Page - New Japan Radio NJM2730 Datasheet HTML 4Page - New Japan Radio NJM2730 Datasheet HTML 5Page - New Japan Radio NJM2730 Datasheet HTML 6Page - New Japan Radio NJM2730 Datasheet HTML 7Page - New Japan Radio NJM2730 Datasheet HTML 8Page - New Japan Radio NJM2730 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
NJM2730
Rail-to-Rail Input/Output Single Operational Amplifier
■ GENERAL DESCRIPTION
■ PACKAGE OUTLINE
NJM2730 is a Rail-to-Rail Input/Output single operational
amplifier featuring Low power, low noise and operation from 1.8V.
Rail-to-Rail Input/Output provides wide dynamic range, is from
ground to power supply level. In addition to ground sensing
applications, NJM2730 enable to be applied to Hi-side sensing
applications.
The features are low noise and high phase margin for battery
management, portable audio applications, and others.
Furthermore NJM2730 is packaged with small size package
SOT235
■ FEATURES
● Single Supply
● Operating Voltage
1.8 to 5.0V
● Rail-to-Rail Input
VICM= 0 to 5.0V at V
+=5V
● Rail-to-Rail Output
VOH ≥ 4.9V/ VOL ≤ 0.1V at V
+=5V,R
L=20kΩ
● Load Drivability
VOH ≥ 4.75V/ VOL ≤ 0.25V at V
+=5V,R
L=2kΩ
● Offset Voltage
5mV max
● Slew Rate
0.4V/µs typ.
● Low Input Voltage Noise
10nV/
√Hz typ.
● Adequate phase margin
ΦM=75deg. typ. at RL=2kΩ, voltage follower
● Bipolar Technology
● Package Outline
SOT235
■ PIN CONFIGURATION
(Top View)
IN+
GND
IN-
V
+
OUT
1
2
3
4
5
NJM2730F


Similar Part No. - NJM2730

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2730 NJRC-NJM2730 Datasheet
245Kb / 9P
   Low Supply Voltage Single Operational Amplifier with Full Swing Input and Output
NJM2730 NJRC-NJM2730 Datasheet
1Mb / 18P
   14V, 10nV/?숰z, 300關A/ch, Rail-to-Rail Input/Output Operational Amplifier
NJM2730F NJRC-NJM2730F Datasheet
245Kb / 9P
   Low Supply Voltage Single Operational Amplifier with Full Swing Input and Output
More results

Similar Description - NJM2730

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP450 AD-OP450_15 Datasheet
70Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP150 AD-OP150 Datasheet
65Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP-150 AD-OP-150_15 Datasheet
70Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP250 AD-OP250_15 Datasheet
70Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP150 AD-OP150_15 Datasheet
70Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
logo
Intersil Corporation
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5211T RENESAS-EL5211T Datasheet
850Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5411T RENESAS-EL5411T Datasheet
1,002Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
logo
Intersil Corporation
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
ISL24021 INTERSIL-ISL24021 Datasheet
333Kb / 12P
   1A Rail-to-Rail Input-Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com