Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCD200-18IO1 Datasheet(PDF) 2 Page - IXYS Corporation

Part # MCD200-18IO1
Description  Thyristor Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MCD200-18IO1 Datasheet(HTML) 2 Page - IXYS Corporation

  MCD200-18IO1 Datasheet HTML 1Page - IXYS Corporation MCD200-18IO1 Datasheet HTML 2Page - IXYS Corporation MCD200-18IO1 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2004 IXYS All rights reserved
2 - 3
MCC 200
MCD 200
IXYS reserves the right to change limits, test conditions and dimensions
6
5
4
3
1
I
G
t
gd
V
V
G
I
G
10-3
10-2
10-1
100
101
102
0.1
1
10
1
10
100
2
0.01
0.1
1
10
A
I
GD
, TVJ = 130°C
A
V
T, VF
I
T, IF
0.00.4
0.81.2
1.62.0
0
100
200
300
400
500
V
A
T
VJ = 25°C
T
VJ = 125°C
3: I
GT, TVJ = -40°C
2: I
GT, TVJ =
25°C
1: I
GT
, TVJ = 125°C
4: P
GM =
20 W
5: P
GM =
60 W
6: P
GM = 120 W
µs
typ.
limit
T
VJ = 25°C
Symbol
Conditions
Characteristic Values
I
RRM, IDRM
T
VJ = TVJM; VR = VRRM; VD = VDRM
15
mA
V
T / VF
I
T, IF = 200 A; TVJ = 25°C
1.20
V
V
T0
For power-loss calculations only (T
VJ = 125°C)
0.8
V
r
T
1.0
m
V
GT
V
D = 6 V;
T
VJ =
25°C
2
V
T
VJ = -40°C
3
V
I
GT
V
D = 6 V;
T
VJ =
25°C
150
mA
T
VJ = -40°C
220
mA
V
GD
T
VJ = TVJM;VD =
2/
3 VDRM
0.25
V
I
GD
10
mA
I
L
T
VJ = 25°C; tP = 30 µs; VD = 6 V
200
mA
I
G = 0.5 A; diG/dt = 0.5 A/µs
I
H
T
VJ = 25°C; VD = 6 V; RGK =
150
mA
t
gd
T
VJ = 25°C; VD = ½ VDRM
2µs
I
G = 0.5 A; diG/dt = 0.5 A/µs
t
q
T
VJ = TVJM; IT = 300 A, tP = 200 µs; -di/dt = 10 A/µs
typ.
200
µs
V
R = 100 V; dv/dt = 50 V/µs; VD =
2/
3 VDRM
Q
S
T
VJ = TVJM; IT = 300 A, -di/dt = 50 A/µs
550
µC
I
RM
235
A
R
thJC
per thyristor; DC current
0.13
K/W
per module
0.065
K/W
R
thJH
per thyristor; DC current
0.18
K/W
per module
0.09
K/W
d
S
Creepage distance on surface
12.7
mm
d
A
Strike distance through air
9.6
mm
a
Maximum allowable acceleration
50
m/s2
Dimensions in mm
(1 mm = 0.0394")
Optional accessories for modules
Keyed gate/cathode twin plugs with wire length = 350 mm, gate = yellow, cathode = red
Type ZY 180L
(L = Left for pin pair 4/5)
UL 758, style 1385,
Type ZY 180R
(R = right for pin pair 6/7)
CSA class 5851, guide 460-1-1
Fig. 1 Gate trigger characteristics
Fig. 2 Gate trigger delay time
Fig. 3 Forward current versus
voltage drop


Similar Part No. - MCD200-18IO1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MCD200-18IO1 IXYS-MCD200-18IO1 Datasheet
190Kb / 6P
   Thyristor Module
More results

Similar Description - MCD200-18IO1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSKT96 ETC-PSKT96 Datasheet
99Kb / 2P
   THYRISTOR MODULES THYRISTOR/THYRISTOR MODULES
logo
IXYS Corporation
MCC170 IXYS-MCC170 Datasheet
81Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC225 IXYS-MCC225 Datasheet
99Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC26 IXYS-MCC26 Datasheet
165Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC132 IXYS-MCC132 Datasheet
172Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC224 IXYS-MCC224 Datasheet
99Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC56 IXYS-MCC56 Datasheet
178Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC44 IXYS-MCC44 Datasheet
160Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC250 IXYS-MCC250 Datasheet
142Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC220-08IO1 IXYS-MCC220-08IO1 Datasheet
143Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC72 IXYS-MCC72 Datasheet
170Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com