Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP-CC-5 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # LP-CC-5
Description  Time-Delay Fuses Class CC 600 Volt, 횣 to 30 Amps
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

LP-CC-5 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  LP-CC-5 Datasheet HTML 1Page - Cooper Bussmann, Inc. LP-CC-5 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Form No. LP-CC
Page 2 of 2
Data Sheet: 1023
Bussmann®
The only controlled copy of this Data Sheet is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is
intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information con-
tained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
LOW-PEAK
®
LP-CC
Time-Delay Fuses
Class CC – 600 Volt, ⁄Ω™ to 30 Amps
200
100
10
1
.1
.01
AMPERE
RATING
CURRENT IN AMPERES
4,000
3,000
2,000
1,000
800
600
400
300
200
100
80
60
40
30
20
10
50
500
30
25
20
15
2-8/10
1-1/4
PROSPECTIVE SHORT-CIRCUIT CURRENT–SYMMETRICAL RMS AMPS
10-2-02
SB02295


Similar Part No. - LP-CC-5

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LP-CC-5 COOPER-LP-CC-5 Datasheet
639Kb / 4P
   Low-Peak??LP-CC Class CC 600Vac/300Vdc, 1??-30A time-delay fuses
logo
Eaton All Rights Reserv...
LP-CC-5 EATON-LP-CC-5 Datasheet
775Kb / 4P
   Low-Peak??LP-CC Class CC 600 Vac/300 Vdc, 1/2-30 A time-delay fuses
logo
Cooper Bussmann, Inc.
LP-CC-5-6/10 COOPER-LP-CC-5-6/10 Datasheet
639Kb / 4P
   Low-Peak??LP-CC Class CC 600Vac/300Vdc, 1??-30A time-delay fuses
logo
Eaton All Rights Reserv...
LP-CC-5-6/10 EATON-LP-CC-5-6/10 Datasheet
775Kb / 4P
   Low-Peak??LP-CC Class CC 600 Vac/300 Vdc, 1/2-30 A time-delay fuses
More results

Similar Description - LP-CC-5

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
J60200-3CR COOPER-J60200-3CR Datasheet
160Kb / 2P
   Class J Fuseblocks 600 Volt, 횣-600 Amps
J60060-2C COOPER-J60060-2C Datasheet
160Kb / 2P
   Class J Fuseblocks 600 Volt, 횣 600 Amps
J60100-3CR COOPER-J60100-3CR Datasheet
160Kb / 2P
   Class J Fuseblocks 600 Volt, 횣-600 Amps
FRS-R-50 COOPER-FRS-R-50 Datasheet
74Kb / 2P
   Dual-Element, Time-Delay Fuses Class RK5 600 Volt
logo
Eaton All Rights Reserv...
LP-CC EATON-LP-CC Datasheet
775Kb / 4P
   Low-Peak??LP-CC Class CC 600 Vac/300 Vdc, 1/2-30 A time-delay fuses
logo
Cooper Bussmann, Inc.
FNQ-R-2-1-2 COOPER-FNQ-R-2-1-2 Datasheet
76Kb / 2P
   CC-TRON Time-Delay Fuses
logo
Eaton All Rights Reserv...
S-1-4 EATON-S-1-4 Datasheet
126Kb / 2P
   Rejection base plug fuses ??dual-element, time-delay 125 volt, up to 30 amps
logo
List of Unclassifed Man...
FNQ-R-1-4 ETC2-FNQ-R-1-4 Datasheet
749Kb / 6P
   FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
KTK-R ETC1-KTK-R Datasheet
40Kb / 1P
   Fast-Acting Fuses 13/32??x 1-1/2?? Class CC - 600 Volt, 1/10 - 30 Amps
logo
Cooper Bussmann, Inc.
FRN-R-30 COOPER-FRN-R-30 Datasheet
332Kb / 2P
   Dual-Element, Time-Delay Fuses Class RK5 - 250 Volt
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com