Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L103C330 Datasheet(PDF) 5 Page - Bi technologies

Part # L103C330
Description  Thick Film Low Profile SIP Conformal Coated Resistor Networks
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

L103C330 Datasheet(HTML) 5 Page - Bi technologies

  L103C330 Datasheet HTML 1Page - Bi technologies L103C330 Datasheet HTML 2Page - Bi technologies L103C330 Datasheet HTML 3Page - Bi technologies L103C330 Datasheet HTML 4Page - Bi technologies L103C330 Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
4
4-41
Model L Series
ORDERING INFORMATION
L 08 5 C 331 / 471 F XX
Model Series
Number of Leads:
4 thru 14
Circuit Type:
3 = Isolated
1 = Bussed
5 = Dual Terminator
Lead Code:
S = Steel Leads
C = Copper Leads
Packaging Option:
T = Ammo Pack, Steel Leads only
All leads attached to tape.*
3T = Ammo Pack, Steel Leads only
3 leads only attached to tape.*
M1 or M2 = Tube **
(No code used for standard bulk packaging.)
Tolerance Code:
F =
±1%
J =
±5%
(No code used for 2% standard.)
R2 Resistance Code:
(Add for -5 circuit only)
Resistance Code:
First 2 digits are significant.
Last digit denotes number of trailing zeros.
For "F" tolerance first 3 digits are significant.
Fourth digit denotes number of trailing zeros.
* Refer to Packaging for Automation section (Page A-3) for Ammo Pack capacity and dimensions.
** Refer to Packaging for Automation section (Page A-4) for M1 and M2 tube capacity and dimensions.
APPLICABLE DOCUMENTS
MIL-R-83401 — Resistor Networks, Fixed, Film, General Specifications
MIL-STD-105 — Sampling Procedures and Tables for Inspection by Attributes
MIL-STD-202 — Test Methods for Electronic and Electrical Component Parts


Similar Part No. - L103C330

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
L103 GILWAY-L103 Datasheet
29Kb / 1P
   Lens-End Lamps
logo
C&K Components
L103 CK-COMPONENTS-L103 Datasheet
329Kb / 6P
   Miniature Slide Switches
L103 CK-COMPONENTS-L103 Datasheet
783Kb / 6P
   Miniature Slide Switches
19 Mar 2019
logo
Gilway Technical Lamp
L1030 GILWAY-L1030 Datasheet
109Kb / 3P
   Focused Lens-End Lamps
logo
C&K Components
L103011MS02Q CK-COMPONENTS-L103011MS02Q Datasheet
366Kb / 6P
   Miniature Slide Switches
More results

Similar Description - L103C330

ManufacturerPart #DatasheetDescription
logo
Bi technologies
L101C331 BITECH-L101C331 Datasheet
62Kb / 5P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
M85331JXX BITECH-M85331JXX Datasheet
55Kb / 4P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
BH85331F BITECH-BH85331F Datasheet
56Kb / 4P
   High Profile SIP Thick Film Conformal Coated Resistor Networks
logo
Vishay Siliconix
CSC10A01560RGEK VISHAY-CSC10A01560RGEK Datasheet
397Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
CSC VISHAY-CSC Datasheet
401Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
TRC VISHAY-TRC Datasheet
85Kb / 3P
   Thick Film Resistor/Capacitor Networks, Single-In-Line, Conformal Coated SIP
23-Jan-13
logo
Bi technologies
T81331J BITECH-T81331J Datasheet
55Kb / 4P
   Thick Film Super Low Profile SIP Resistor Networks
logo
List of Unclassifed Man...
NRN7LB184 ETC1-NRN7LB184 Datasheet
147Kb / 2P
   SINGLE-IN-LINE SIP RESISTOR NETWORKS CONFORMAL COATED LOW PROFILE
logo
Bourns Electronic Solut...
4605X BOURNS-4605X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4612X BOURNS-4612X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com