Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDX33-S Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # BDX33-S
Description  Designed for Complementary Use with BDX34, BDX34A, BDX34B, BDX34C and BDX34D
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

BDX33-S Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  BDX33-S Datasheet HTML 1Page - Bourns Electronic Solutions BDX33-S Datasheet HTML 2Page - Bourns Electronic Solutions BDX33-S Datasheet HTML 3Page - Bourns Electronic Solutions BDX33-S Datasheet HTML 4Page - Bourns Electronic Solutions BDX33-S Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BDX33, BDX33A, BDX33B, BDX33C, BDX33D
NPN SILICON POWER DARLINGTONS
P R O D UCT
INFORMA TION
1
AUGUST 1993 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
Designed for Complementary Use with
BDX34, BDX34A, BDX34B, BDX34C and
BDX34D
70 W at 25°C Case Temperature
10 A Continuous Collector Current
Minimum hFE of 750 at 3V, 3 A
absolute maximum ratings at 25°C case temperature (unless otherwise noted)
NOTES: 1. Derate linearly to 150°C case temperature at the rate of 0.56 W/°C.
2. Derate linearly to 150°C free air temperature at the rate of 16 mW/°C.
RATING
SYMBOL
VALUE
UNIT
Collector-base voltage (IE = 0)
BDX33
BDX33A
BDX33B
BDX33C
BDX33D
VCBO
45
60
80
100
120
V
Collector-emitter voltage (IB = 0)
BDX33
BDX33A
BDX33B
BDX33C
BDX33D
VCEO
45
60
80
100
120
V
Emitter-base voltage
VEBO
5V
Continuous collector current
IC
10
A
Continuous base current
IB
0.3
A
Continuous device dissipation at (or below) 25°C case temperature (see Note 1)
Ptot
70
W
Continuous device dissipation at (or below) 25°C free air temperature (see Note 2)
Ptot
2W
Operating free air temperature range
TJ
-65 to +150
°C
Storage temperature range
Tstg
-65 to +150
°C
Operating free-air temperature range
TA
-65 to +150
°C
B
C
E
TO-220 PACKAGE
(TOP VIEW)
Pin 2 is in electrical contact with the mounting base.
MDTRACA
1
2
3


Similar Part No. - BDX33-S

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BDX33 MOSPEC-BDX33 Datasheet
92Kb / 2P
   POWER TRANSISTORS(10A,70W)
logo
Micro Commercial Compon...
BDX33 MCC-BDX33 Datasheet
912Kb / 4P
   NPN Silicon Power Darlingtons
logo
Power Innovations Ltd
BDX33 POINN-BDX33 Datasheet
128Kb / 7P
   NPN SILICON POWER DARLINGTONS
logo
New Jersey Semi-Conduct...
BDX33 NJSEMI-BDX33 Datasheet
121Kb / 2P
   Silicon NPN Darlington Power Transistor
logo
Fairchild Semiconductor
BDX33 FAIRCHILD-BDX33 Datasheet
39Kb / 5P
   Power Linear and Switching Applications
More results

Similar Description - BDX33-S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TIP141-S BOURNS-TIP141-S Datasheet
111Kb / 4P
   Designed for Complementary Use with TIP145, TIP146 and TIP147
BDW93C-S BOURNS-BDW93C-S Datasheet
92Kb / 4P
   Designed for Complementary Use with BDW94, BDW94A, BDW94B and BDW94C
BD243A-S BOURNS-BD243A-S Datasheet
1Mb / 4P
   Designed for Complementary Use with the BD244 Series
BD545C-S BOURNS-BD545C-S Datasheet
104Kb / 4P
   Designed for Complementary Use with the BD546 Series
TIP31B-S BOURNS-TIP31B-S Datasheet
142Kb / 4P
   Designed for Complementary Use with the TIP32 Series
TIP35-S BOURNS-TIP35-S Datasheet
109Kb / 4P
   Designed for Complementary Use with the TIP36 Series
logo
Taoglas antenna solutio...
FW.86.B.SMA.M TAOGLAS-FW.86.B.SMA.M Datasheet
1Mb / 12P
   Designed for Outdoor Use
FW.43.B.SMA.M TAOGLAS-FW.43.B.SMA.M Datasheet
1Mb / 12P
   Designed for Outdoor Use
FW.95.B.SMA.M TAOGLAS-FW.95.B.SMA.M Datasheet
2Mb / 12P
   Designed for Outdoor Use
logo
List of Unclassifed Man...
C1048 ETC-C1048 Datasheet
27Kb / 1P
   DDS - EP13 - Designed for use with Level One LXT400 and LXT441 Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com