Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFG424F_2015 Datasheet(PDF) 10 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFG424F_2015
Description  NPN 25 GHz wideband transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFG424F_2015 Datasheet(HTML) 10 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BFG424F_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG424F_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG424F_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG424F_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG424F_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG424F_2015 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG424F_2015 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG424F_2015 Datasheet HTML 12Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG424F_2015 Datasheet HTML 13Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
BFG424F_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 21 March 2006
10 of 13
Philips Semiconductors
BFG424F
NPN 25 GHz wideband transistor
8.
Package outline
Fig 14. Package outline SOT343F
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT343F
SOT343F
05-07-12
06-03-16
UNIT
A
max
mm
0.4
0.3
0.75
0.65
0.7
0.5
2.2
1.8
0.25
0.10
1.35
1.15
0.48
0.38
2.2
2.0
bp
DIMENSIONS (mm are the original dimensions)
Plastic surface-mounted flat pack package; reverse pinning; 4 leads
b1
c
D
E
e
e1
HE
1.15
1.3
Lp
w
y
0.1
0.2
0
1
2 mm
scale
detail X
Lp
c
A
E
X
HE
D
A
y
bp
b1
e1
e
wA
M
wA
M
1
2
34


Similar Part No. - BFG424F_2015

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFG424F JMNIC-BFG424F_15 Datasheet
106Kb / 13P
   NPN 25 GHz wideband transistor
More results

Similar Description - BFG424F_2015

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFG425W_2015 JMNIC-BFG425W_2015 Datasheet
96Kb / 12P
   NPN 25 GHz wideband transistor
BFG424F JMNIC-BFG424F_15 Datasheet
106Kb / 13P
   NPN 25 GHz wideband transistor
logo
NXP Semiconductors
BFG424W PHILIPS-BFG424W Datasheet
101Kb / 13P
   NPN 25 GHz wideband transistor
Rev. 01-21 March 2006
BFG425W PHILIPS-BFG425W Datasheet
111Kb / 12P
   NPN 25 GHz wideband transistor
1998 Mar 11
BFG424F PHILIPS-BFG424F Datasheet
99Kb / 13P
   NPN 25 GHz wideband transistor
Rev. 01-21 March 2006
logo
Quanzhou Jinmei Electro...
BFG424W JMNIC-BFG424W_15 Datasheet
108Kb / 13P
   NPN 25 GHz wideband transistor
BFG425W JMNIC-BFG425W_15 Datasheet
96Kb / 12P
   NPN 25 GHz wideband transistor
BFG424W_2015 JMNIC-BFG424W_2015 Datasheet
108Kb / 13P
   NPN 25 GHz wideband transistor
logo
NXP Semiconductors
BFG91 PHILIPS-BFG91 Datasheet
544Kb / 10P
   NPN 6 GHZ WIDEBAND TRANSISTOR
November 1992
BF689K PHILIPS-BF689K Datasheet
27Kb / 5P
   NPN 2 GHz wideband transistor
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com