Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFG94_2015 Datasheet(PDF) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFG94_2015
Description  NPN 6 GHz wideband transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFG94_2015 Datasheet(HTML) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BFG94_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG94_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG94_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG94_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG94_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG94_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG94_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG94_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG94_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
September 1995
3
Philips Semiconductors
Product specification
NPN 6 GHz wideband transistor
BFG94
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134).
THERMAL RESISTANCE
Note
1. Ts is the temperature at the soldering point of the collector tab.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
15
V
VCEO
collector-emitter voltage
open base
12
V
VEBO
emitter-base voltage
open collector
2V
IC
DC collector current
60
mA
Ptot
total power dissipation
up to Ts = 140 °C (note 1)
700
mW
Tstg
storage temperature
−65
150
°C
Tj
junction temperature
175
°C
SYMBOL
PARAMETER
CONDITIONS
THERMAL RESISTANCE
Rth j-s
thermal resistance from junction to
soldering point
up to Ts = 140 °C (note 1)
50 K/W


Similar Part No. - BFG94_2015

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFG94 JMNIC-BFG94_15 Datasheet
88Kb / 13P
   NPN 6 GHz wideband transistor
More results

Similar Description - BFG94_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG91 PHILIPS-BFG91 Datasheet
544Kb / 10P
   NPN 6 GHZ WIDEBAND TRANSISTOR
November 1992
BFQ270 PHILIPS-BFQ270 Datasheet
133Kb / 12P
   NPN 6 GHz wideband transistor
September 1995
BFG94 PHILIPS-BFG94 Datasheet
100Kb / 13P
   NPN 6 GHz wideband transistor
1998 Sep 23
logo
Quanzhou Jinmei Electro...
BFR93A JMNIC-BFR93A_15 Datasheet
101Kb / 12P
   NPN 6 GHz wideband transistor
BFR93AR JMNIC-BFR93AR_15 Datasheet
95Kb / 13P
   NPN 6 GHz wideband transistor
BFG94 JMNIC-BFG94_15 Datasheet
88Kb / 13P
   NPN 6 GHz wideband transistor
BFR93AR_2015 JMNIC-BFR93AR_2015 Datasheet
95Kb / 13P
   NPN 6 GHz wideband transistor
BFR93A_2015 JMNIC-BFR93A_2015 Datasheet
101Kb / 12P
   NPN 6 GHz wideband transistor
logo
NXP Semiconductors
BFR93AR NXP-BFR93AR Datasheet
95Kb / 13P
   NPN 6 GHz wideband transistor
Rev. 01-30 November 2006
BFR93A PHILIPS-BFR93A Datasheet
117Kb / 12P
   NPN 6 GHz wideband transistor
1997 Oct 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com