Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPW1A332MHD Datasheet(PDF) 2 Page - Micro Commercial Components

Part # UPW1A332MHD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

UPW1A332MHD Datasheet(HTML) 2 Page - Micro Commercial Components

  UPW1A332MHD Datasheet HTML 1Page - Micro Commercial Components UPW1A332MHD Datasheet HTML 2Page - Micro Commercial Components UPW1A332MHD Datasheet HTML 3Page - Micro Commercial Components UPW1A332MHD Datasheet HTML 4Page - Micro Commercial Components UPW1A332MHD Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
PW
series
22
27
33
39
47
56
68
82
100
120
150
180
220
330
470
560
680
820
1000
1200
1500
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
220
270
330
390
470
560
680
820
101
121
151
181
221
331
471
561
681
821
102
122
152
222
272
332
392
472
562
682
822
103
123
153
0.60
2.00
0.60
0.95
0.60
0.95
0.95
1.30
0.60
0.45
0.25
0.50
0.25
0.25
0.23
0.117
0.117
0.090
0.085
0.090
0.090
0.065
0.068
0.052
0.038
0.045
0.035
0.038
0.030
0.022
0.025
0.022
0.029
0.022
0.028
0.018
0.016
0.020
0.016
0.015
1.20
5.00
1.20
2.40
1.20
2.40
2.40
2.60
1.20
1.20
0.50
1.00
0.50
0.50
0.46
0.234
0.234
0.180
0.170
0.180
0.180
0.130
0.136
0.104
0.076
0.090
0.070
0.076
0.060
0.044
0.050
0.044
0.058
0.044
0.056
0.036
0.032
0.040
0.032
0.030
180
65
180
120
180
120
120
120
180
200
290
235
290
290
430
555
555
755
730
755
755
995
1050
1220
1655
1440
1815
1655
1945
2555
2310
2510
2210
2560
2490
3010
3150
2740
3635
3680
5
× 11
4
× 7
5
× 11
5
× 7
5
× 7
5
× 11
4
× 11
5
× 11
6.3
× 7
5
× 11
5
× 15
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 15
8
× 11.5
8
× 11.5
10
×12.5
8
× 15
10
× 16
8
× 20
10
× 20
10
× 20
10
× 25
12.5
× 20
10
× 31.5
12.5
× 25
12.5
× 25
12.5
× 31.5
12.5
× 35.5
16
× 20
16
× 25
16
× 25
18
× 20
16
× 31.5
18
× 25
16
× 35.5
18
× 31.5
18
× 35.5
18
× 40
0.60
2.00
0.60
0.95
0.95
0.60
1.30
0.60
0.45
0.60
0.50
0.25
0.25
0.25
0.23
0.117
0.117
0.090
0.085
0.068
0.065
0.052
0.052
0.045
0.038
0.035
0.030
0.030
0.025
0.022
0.029
0.022
0.022
0.028
0.018
0.020
0.016
0.016
0.015
0.014
1.20
5.00
1.20
2.40
2.40
1.20
2.60
1.20
1.20
1.20
1.00
0.50
0.50
0.50
0.46
0.234
0.234
0.180
0.170
0.136
0.130
0.104
0.104
0.090
0.076
0.070
0.060
0.060
0.050
0.044
0.058
0.044
0.044
0.056
0.036
0.040
0.032
0.032
0.030
0.028
180
65
180
120
120
180
120
180
200
180
235
290
290
290
430
555
555
760
730
1050
995
1220
1220
1440
1655
1815
1945
1950
2310
2510
2210
2555
2560
2490
3010
2740
3150
3635
3680
3800
Standard Ratings
6.3 (0J)
20˚C / 100kHz
– 10˚C / 100kHz
10 (1A)
20˚C / 100kHz
– 10˚C / 100kHz
: In this case,
will be put at 12th digit of type numbering system.
6
V (Code)
Item
Code
Cap.(µF)
Case size
φD
× L
(mm)
Rated ripple
(mArms)
105˚C / 100kHz
Case size
φD
× L
(mm)
Impedance (
Ω) MAX.
Rated ripple
(mArms)
105˚C / 100kHz
Impedance (
Ω) MAX.
5
× 11
4
× 7
5
× 11
5
× 7
5
× 11
5
× 7
5
× 7
4
× 11
5
× 11
6.3
× 7
6.3
× 11
5
× 15
6.3
× 11
6.3
× 11
6.3
× 15
8
× 11.5
8
× 11.5
10
× 12.5
8
× 15
10
× 12.5
10
× 12.5
8
× 20
10
× 16
10
× 20
12.5
× 20
10
× 25
10
× 31.5
12.5
× 20
12.5
× 25
16
× 25
12.5
× 31.5
12.5
× 35.5
16
× 20
16
× 25
18
× 20
16
× 31.5
16
× 31.5
18
× 25
18
× 31.5
18
× 35.5
CAT.8100C


Similar Part No. - UPW1A332MHD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UPW1A332MHD NICHICON-UPW1A332MHD Datasheet
821Kb / 8P
   ALUMINUM ELECTROLYTIC CAPACITORS
UPW1A332MHD6 NICHICON-UPW1A332MHD6 Datasheet
821Kb / 8P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UPW1A332MHD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com