Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH1RT Datasheet(PDF) 2 Page - ATMEL Corporation

Part # MH1RT
Description  Memories: SRAM and TPRAM, Gate Level or Embedded, with EDAC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MH1RT Datasheet(HTML) 2 Page - ATMEL Corporation

  MH1RT_14 Datasheet HTML 1Page - ATMEL Corporation MH1RT_14 Datasheet HTML 2Page - ATMEL Corporation MH1RT_14 Datasheet HTML 3Page - ATMEL Corporation MH1RT_14 Datasheet HTML 4Page - ATMEL Corporation MH1RT_14 Datasheet HTML 5Page - ATMEL Corporation MH1RT_14 Datasheet HTML 6Page - ATMEL Corporation MH1RT_14 Datasheet HTML 7Page - ATMEL Corporation MH1RT_14 Datasheet HTML 8Page - ATMEL Corporation MH1RT_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
4110L–AERO–11/10
MH1RT
Notes: 1. Nominal 2 Input NAND Gate FO = 2 at 3.3V.
Design
Design Systems
Supported
Atmel supports several major software systems for design with complete macro cell libraries, as
well as utilities for checking the netlist and estimated pre-route delay simulations.
The following design systems are supported:
Table 1. List of Available MH1RT Matrices
Device
Number
Typical Routable
Gates
Max Pad
Count
Max
I/O Count
Gate
Speed(1)
Max. Sites Count
MH1099E
519,000
332
324
180 ps
920,385
MH1156E
764,000
412
404
180 ps
1,447,975
MH1242E
1,198,000
512
504
180 ps
2,275,377
MH1332E
1,634,000
596
588
180 ps
3,098,804
Table 2. Supported design systems
System
Available Tools
Cadence
NCsim® - Verilog Simulator
Encounter- Floorplanner
RTL compiler® - Synthesis (Ambit)
Mentor/Model Tech
Questasim/Modelsim Verilog and VHDL (VITAL) Simulator
DFT - Scan insertion and ATPG, BIST
Synopsys®
Design Compiler™ - Synthesis
Primetime® - Static Path
Formality®
- Equivalence Checking
DFTmax - Scan insertion and ATPG


Similar Part No. - MH1RT_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MH1RT ATMEL-MH1RT_07 Datasheet
239Kb / 20P
   Rad Hard 1.6M Used Gates 0.35 關m CMOS Sea of Gates/ Embedded Array
More results

Similar Description - MH1RT_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM9G20 ATMEL-AT91SAM9G20_14 Datasheet
12Mb / 832P
   Additional Embedded Memories
SAM9G10 ATMEL-SAM9G10_14 Datasheet
12Mb / 750P
   Additional Embedded Memories
AT91SAM9261S ATMEL-AT91SAM9261S_14 Datasheet
9Mb / 709P
   Additional Embedded Memories
logo
National Semiconductor ...
MM54HC51 NSC-MM54HC51 Datasheet
126Kb / 4P
   Dual AND-OR-Invert Gate / Dual AND-OR Gate
logo
ON Semiconductor
MC10H121 ONSEMI-MC10H121 Datasheet
109Kb / 4P
   4-WIDE OR-AND / OR-AND GATE
May, 2000 ??Rev. 7
MC10121 ONSEMI-MC10121 Datasheet
101Kb / 5P
   4-Wide OR-AND/OR-AND Gate
1996 REV 5
MC10121 ONSEMI-MC10121_02 Datasheet
108Kb / 8P
   4-Wide OR-AND/OR-AND Gate
January, 2002 ??Rev. 7
logo
Minilogic Device Corpor...
ML74WLDE MINILOGIC-ML74WLDE Datasheet
154Kb / 4P
   AND Gate (unbuffered) and OR Gate (unbuffered)
logo
NXP Semiconductors
74HC58 PHILIPS-74HC58 Datasheet
35Kb / 5P
   Dual AND-OR gate
December 1990
logo
Nexperia B.V. All right...
74AUP1T32 NEXPERIA-74AUP1T32 Datasheet
202Kb / 15P
   Low-power 2-input OR-gate with voltage-level translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com