Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATTINY2313V Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATTINY2313V
Description  AVR ??High-performance and Low-power RISC Architecture
Download  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY2313V Datasheet(HTML) 4 Page - ATMEL Corporation

  ATTINY2313V_14 Datasheet HTML 1Page - ATMEL Corporation ATTINY2313V_14 Datasheet HTML 2Page - ATMEL Corporation ATTINY2313V_14 Datasheet HTML 3Page - ATMEL Corporation ATTINY2313V_14 Datasheet HTML 4Page - ATMEL Corporation ATTINY2313V_14 Datasheet HTML 5Page - ATMEL Corporation ATTINY2313V_14 Datasheet HTML 6Page - ATMEL Corporation ATTINY2313V_14 Datasheet HTML 7Page - ATMEL Corporation ATTINY2313V_14 Datasheet HTML 8Page - ATMEL Corporation ATTINY2313V_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 226 page
background image
4
2543L–AVR–08/10
ATtiny2313
The AVR core combines a rich instruction set with 32 general purpose working registers. All the
32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two independent
registers to be accessed in one single instruction executed in one clock cycle. The resulting
architecture is more code efficient while achieving throughputs up to ten times faster than con-
ventional CISC microcontrollers.
The ATtiny2313 provides the following features: 2K bytes of In-System Programmable Flash,
128 bytes EEPROM, 128 bytes SRAM, 18 general purpose I/O lines, 32 general purpose work-
ing registers, a single-wire Interface for On-chip Debugging, two flexible Timer/Counters with
compare modes, internal and external interrupts, a serial programmable USART, Universal
Serial Interface with Start Condition Detector, a programmable Watchdog Timer with internal
Oscillator, and three software selectable power saving modes. The Idle mode stops the CPU
while allowing the SRAM, Timer/Counters, and interrupt system to continue functioning. The
Power-down mode saves the register contents but freezes the Oscillator, disabling all other chip
functions until the next interrupt or hardware reset. In Standby mode, the crystal/resonator Oscil-
lator is running while the rest of the device is sleeping. This allows very fast start-up combined
with low-power consumption.
The device is manufactured using Atmel’s high density non-volatile memory technology. The
On-chip ISP Flash allows the program memory to be reprogrammed In-System through an SPI
serial interface, or by a conventional non-volatile memory programmer. By combining an 8-bit
RISC CPU with In-System Self-Programmable Flash on a monolithic chip, the Atmel ATtiny2313
is a powerful microcontroller that provides a highly flexible and cost effective solution to many
embedded control applications.
The ATtiny2313 AVR is supported with a full suite of program and system development tools
including: C Compilers, Macro Assemblers, Program Debugger/Simulators, In-Circuit Emulators,
and Evaluation kits.


Similar Part No. - ATTINY2313V_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY2313V-10MU ATMEL-ATTINY2313V-10MU Datasheet
181Kb / 17P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313V-10MU ATMEL-ATTINY2313V-10MU Datasheet
2Mb / 231P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313V-10PI ATMEL-ATTINY2313V-10PI Datasheet
1Mb / 223P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313V-10PI ATMEL-ATTINY2313V-10PI Datasheet
181Kb / 17P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313V-10PI ATMEL-ATTINY2313V-10PI Datasheet
2Mb / 231P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
More results

Similar Description - ATTINY2313V_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA103 ATMEL-ATMEGA103_14 Datasheet
2Mb / 4P
   AVR ??High-performance and Low-power RISC Architecture
AT90LS2343 ATMEL-AT90LS2343_14 Datasheet
1Mb / 64P
   AVR ??High-performance and Low-power RISC Architecture
AT90S2313 ATMEL-AT90S2313_14 Datasheet
1Mb / 92P
   AVR ??High-performance and Low-power RISC Architecture
ATTINY28L ATMEL-ATTINY28L_14 Datasheet
687Kb / 81P
   AVR ??High-performance and Low-power RISC Architecture
AT90LS2323 ATMEL-AT90LS2323_14 Datasheet
1Mb / 64P
   AVR ??High-performance and Low-power RISC Architecture
AT90S8515 ATMEL-AT90S8515_14 Datasheet
2Mb / 4P
   AVR ??High-performance and Low-power RISC Architecture
ATTINY28V ATMEL-ATTINY28V_14 Datasheet
687Kb / 81P
   AVR ??High-performance and Low-power RISC Architecture
AT90S2343 ATMEL-AT90S2343_14 Datasheet
1Mb / 64P
   AVR ??High-performance and Low-power RISC Architecture
ATTINY28L ATMEL-ATTINY28L_14 Datasheet
177Kb / 13P
   High-performance and Low-power RISC Architecture
ATTINY15L ATMEL-ATTINY15L_07 Datasheet
1Mb / 85P
   High-performance, Low-power AVR 8-bit Microcontroller Advanced RISC Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com