Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRH12035 Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # MBRH12035
Description  Silicon Power Schottky Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

MBRH12035 Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  MBRH12035 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. MBRH12035 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. MBRH12035 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 20 V - 40 V
IF(AV) = 120 A
Features
• High Surge Capability
D-67 Package
• Not ESD Sensitive
Parameter
Symbol
MBRH12020(R) MBRH12030(R)
Unit
Repetitive peak reverse
voltage
VRRM
20
30
V
RMS reverse voltage
VRMS
14
21
V
MBRH12020 thru MBRH12040R
MBRH12040(R)
35
25
MBRH12035(R)
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
Silicon Power
Schottky Diode
Conditions
40
28
• Types from 20 V to 40 V VRRM
DC blocking voltage
VDC
20
30
V
Operating temperature
Tj
-55 to 150
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
-55 to 150
°C
Parameter
Symbol
MBRH12020(R) MBRH12030(R)
Unit
Average forward current
(per pkg)
IF(AV)
120
120
A
Maximum instantaneous
forward voltage
0.70
0.70
11
10
10
30
30
Thermal characteristics
Thermal resistance, junction-
case
R
ΘJC
0.48
0.48
°C/W
30
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
Maximum instantaneous
reverse current at rated DC
blocking voltage
IR
VF
-55 to 150
MBRH12040(R)
11
Tj = 25 °C
IFM = 120 A, Tj = 25 °C
Conditions
-55 to 150
MBRH12035(R)
0.48
Tj = 150 °C
0.48
0.70
0.70
30
120
2000
2000
-55 to 150
-55 to 150
40
35
TC = 125 °C
120
A
Tj = 100 °C
10
10
Peak forward surge current
IFSM
tp = 8.3 ms, half sine
2000
2000
mA
V
www.genesicsemi.com/silicon-products/schottky-rectifiers/
1


Similar Part No. - MBRH12035

ManufacturerPart #DatasheetDescription
logo
America Semiconductor, ...
MBRH12035 AMERICASEMI-MBRH12035 Datasheet
634Kb / 2P
   HIGH POWER -SCHOTTKY RECTIFIERS
logo
GeneSiC Semiconductor, ...
MBRH12035 GENESIC-MBRH12035 Datasheet
661Kb / 3P
   Silicon Power Schottky Diode
logo
America Semiconductor, ...
MBRH12035R AMERICASEMI-MBRH12035R Datasheet
634Kb / 2P
   HIGH POWER -SCHOTTKY RECTIFIERS
logo
GeneSiC Semiconductor, ...
MBRH12035R GENESIC-MBRH12035R Datasheet
661Kb / 3P
   Silicon Power Schottky Diode
More results

Similar Description - MBRH12035

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
FST8320SM GENESIC-FST8320SM Datasheet
679Kb / 3P
   Silicon Power Schottky Diode
FST120150 GENESIC-FST120150 Datasheet
362Kb / 3P
   Silicon Power Schottky Diode
FST160150 GENESIC-FST160150 Datasheet
363Kb / 3P
   Silicon Power Schottky Diode
MBRF400150 GENESIC-MBRF400150 Datasheet
478Kb / 3P
   Silicon Power Schottky Diode
MBRH240150 GENESIC-MBRH240150 Datasheet
360Kb / 3P
   Silicon Power Schottky Diode
MBRT50020 GENESIC-MBRT50020 Datasheet
463Kb / 3P
   Silicon Power Schottky Diode
SD41 GENESIC-SD41 Datasheet
718Kb / 3P
   Silicon Power Schottky Diode
logo
America Semiconductor, ...
MBRF30045 AMERICASEMI-MBRF30045 Datasheet
995Kb / 2P
   Silicon Power Schottky Diode
logo
GeneSiC Semiconductor, ...
FST6340M GENESIC-FST6340M Datasheet
553Kb / 3P
   Silicon Power Schottky Diode
FST7345M GENESIC-FST7345M Datasheet
490Kb / 3P
   Silicon Power Schottky Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com