Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89474UMG Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY89474UMG
Description  Precision LVDS 2:1 Multiplexer with 1 2 Fanout and Internal Termination
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89474UMG Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SY89474UMG Datasheet HTML 2Page - Micrel Semiconductor SY89474UMG Datasheet HTML 3Page - Micrel Semiconductor SY89474UMG Datasheet HTML 4Page - Micrel Semiconductor SY89474UMG Datasheet HTML 5Page - Micrel Semiconductor SY89474UMG Datasheet HTML 6Page - Micrel Semiconductor SY89474UMG Datasheet HTML 7Page - Micrel Semiconductor SY89474UMG Datasheet HTML 8Page - Micrel Semiconductor SY89474UMG Datasheet HTML 9Page - Micrel Semiconductor SY89474UMG Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Micrel, Inc.
SY89474U
August 2005
6
M9999-081105
hbwhelp@micrel.com or (408) 955-1690
AC Electrical Characteristics
(7)
VCC = 2.5V ±5%; TA = -40°C to + 85°C; RL = 100Ω across output pair; unless otherwise stated
Symbol
Parameter
Condition
Min
Typ
Max
Units
NRZ Data
2.5
3.2
Gbps
fMAX
Maximum Operating Frequency
VOUT ≥ 200mV
Clock
2.5
4
GHz
220
320
470
ps
tpd
Differential Propagation Delay In-to-Q
SEL-to-Q
VTH = VCC/2
200
350
550
ps
tpd
Tempco
Differential Propagation Delay
Temperature Coefficient
158
fs/
oC
Output-to-Output Skew
Note 8
5
20
ps
tSKEW
Part-to-Part Skew
Note 9
200
ps
Note 10
1
psRMS
Data
Random Jitter
Deterministic Jitter
Note 11
10
psPP
Clock
Cycle-to-cycle Jitter
Note 12
1
psRMS
Total Jitter
Note 13
10
psPP
tJitter
Crosstalk-Induced Jitter
Note 14
0.7
psRMS
tr, tf
Output Rise/Fall Time (20% to 80%)
At full output swing.
30
150
ps
Notes:
7.
High-frequency AC-parameters are guaranteed by design and characterization.
8.
Output-to-output skew is measured between two different outputs under identical transitions.
9.
Part-to-part skew is defined for two parts with identical power supply voltages, at the same temperature, and with no skew of the edges at
the respective inputs.
10. Random Jitter is measured with a K28.7 pattern, measured at ≤ fMAX.
11. Deterministic Jitter is measured with both K28.5 and 2
23-1 PRBS pattern, measured at ≤ fMAX.
12. Cycle-to-cycle jitter definition: The variation of periods between adjacent cycles, Tn – Tn-1 where T is the time between rising edges of the
output signal.
13. Total Jitter definition: With an ideal clock input of frequency <fMAX, no more than one output edge in 10
12 output edges will deviate by
more than the specified peak-to-peak jitter value.
14. Crosstalk is measured at the output while applying two similar differential clock frequencies that are asynchronous with respect to each
other at the inputs.


Similar Part No. - SY89474UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89474UMGTR MICREL-SY89474UMGTR Datasheet
424Kb / 11P
   Precision LVDS 2:1 Multiplexer with 1:2
More results

Similar Description - SY89474UMG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
889474 RENESAS-889474 Datasheet
407Kb / 17P
   2:1 LVDS Multiplexer With 1:2 Fanout and Internal Termination
11/11/15
logo
Integrated Device Techn...
889474 IDT-889474 Datasheet
216Kb / 16P
   2:1 LVDS Multiplexer With 1:2 Fanout and Internal Termination
logo
Micrel Semiconductor
SY89473U MICREL-SY89473U Datasheet
565Kb / 11P
   Precision LVPECL 2:1 Multiplexer with 1:2 Fanout and Internal Termination
SY89473U MICREL-SY89473U_07 Datasheet
572Kb / 11P
   Precision LVPECL 2:1 Multiplexer with 1:2 Fanout and Internal Termination
SY89844U MICREL-SY89844U Datasheet
579Kb / 18P
   Precision LVDS Runt Pulse Eliminator 2:1 MUX with 1:2 Fanout and Internal Termination
SY89547L MICREL-SY89547L_09 Datasheet
218Kb / 11P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with 1:2 FANOUT and INTERNAL TERMINATION
SY89546U MICREL-SY89546U Datasheet
184Kb / 10P
   2.5V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH 1:2 FANOUT AND INTERNAL TERMINATION
SY89547L MICREL-SY89547L Datasheet
685Kb / 11P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with 1:2 FANOUT and INTERNAL TERMINATION
SY89546U MICREL-SY89546U_08 Datasheet
161Kb / 10P
   2.5V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH 1:2 FANOUT AND INTERNAL TERMINATION
SY89465U MICREL-SY89465U Datasheet
2Mb / 19P
   Precision LVDS 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com