Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUS101205 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SUS101205
Description  High reliability not built-in aluminum and tantalum electrolytic capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SUS101205 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SUS101205 Datasheet HTML 1Page - List of Unclassifed Manufacturers SUS101205 Datasheet HTML 2Page - List of Unclassifed Manufacturers SUS101205 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL
SUS100505 SUS100512 SUS100515
SUS101205 SUS101212 SUS101215
MAX OUTPUT WATTAGE[W]
10
10.8
10.5
10
12
12
DC OUTPUT
VOLTAGE[V]
5
12
15
5
12
15
CURRENT[A]
20.9
0.7
210.8
MODEL
SUS100505 SUS100512 SUS100515
SUS101205 SUS101212 SUS101215
INPUT
VOLTAGE[V]
DC4.5 - 9
DC9 - 18
CURRENT[A]
2.41typ
2.54typ
2.47typ
0.980typ
1.15typ
1.15typ
EFFICIENCY[%]
83typ
85typ
85typ
85typ
87typ
87typ
OUTPUT
VOLTAGE[V]
5
12
15
5
12
15
CURRENT[A]
20.9
0.7
210.8
LINE REGULATION[mV]
20max
48max
60max
20max
48max
60max
LOAD REGULATION[mV]
40max
100max
120max
40max
100max
120max
RIPPLE[mVp-p]
-20to+55
C
80max
120max
120max
80max
120max
120max
-40 to -20
C
120max
150max
150max
120max
150max
150max
RIPPLE NOISE[mVp-p]
-20to+55
C
120max
150max
150max
120max
150max
150max
-40 to -20
C
200max
200max
200max
200max
200max
200max
TEMPERATURE REGULATION[mV]
-20to+55
C
50max
150max
180max
50max
150max
180max
-40to+55
C
80max
240max
290max
80max
240max
290max
DRIFT[mV]
20max
48max
60max
20max
48max
60max
START-UP TIME[ms]
20max (Minimum input, Io=100%)
VOLTAGE ADJUSTMENT RANGE
VOLTAGE SETTING[V] (
t3%)
4.90 - 5.21
SUS10053R3
8.58
3.3
2.6
SUS10053R3
2.12typ
81typ
3.3
2.6
20max
40max
80max
120max
120max
200max
50max
80max
20max
3.21 - 3.42
11.64 - 12.36 14.55 - 15.45
4.90 - 5.21
3.21 - 3.42
11.64 - 12.36 14.55 - 15.45
4.90 - 5.21
3.21 - 3.42
11.64 - 12.36 14.55 - 15.45
4.90 - 5.21
3.21 - 3.42
11.64 - 12.36 14.55 - 15.45
SUS10123R3
8.58
3.3
2.6
SUS10123R3
0.872typ
82typ
3.3
2.6
20max
40max
80max
120max
120max
200max
50max
80max
20max
Fixed (TRM pin open)
t5% adjustable by external VR
SPECIFICATIONS
*2
*1
*2
*3
*3
*3
*3
*4
SUS102405 SUS102412 SUS102415
SUS104805 SUS104812 SUS104815
10
12
12
10
12
12
5
12
15
5
12
15
210.8
210.8
SUS102405 SUS102412 SUS102415
SUS104805 SUS104812 SUS104815
DC18 - 36
DC36 - 76
0.490typ
0.575typ
0.575typ
0.245typ
0.287typ
0.287typ
85typ
87typ
87typ
85typ
87typ
87typ
5
12
15
5
12
15
210.8
210.8
20max
48max
60max
20max
48max
60max
40max
100max
120max
40max
100max
120max
80max
120max
120max
80max
120max
120max
120max
150max
150max
120max
150max
150max
120max
150max
150max
120max
150max
150max
200max
200max
200max
200max
200max
200max
50max
150max
180max
50max
150max
180max
80max
240max
290max
80max
240max
290max
20max
48max
60max
20max
48max
60max
SUS10243R3
8.58
3.3
2.6
SUS10243R3
0.436typ
82typ
3.3
2.6
20max
40max
80max
120max
120max
200max
50max
80max
20max
SUS10483R3
8.58
3.3
2.6
SUS10483R3
0.218typ
82typ
3.3
2.6
20max
40max
80max
120max
120max
200max
50max
80max
20max
20max (Minimum input, Io=100%)
Fixed (TRM pin open)
t5% adjustable by external VR
MODEL
MAX OUTPUT WATTAGE[W]
DC OUTPUT
VOLTAGE[V]
CURRENT[A]
MODEL
INPUT
VOLTAGE[V]
CURRENT[A]
EFFICIENCY[%]
OUTPUT
VOLTAGE[V]
CURRENT[A]
LINE REGULATION[mV]
LOAD REGULATION[mV]
RIPPLE[mVp-p]
-20to+55
C
-40 to -20
C
RIPPLE NOISE[mVp-p]
-20to+55
C
-40 to -20
C
TEMPERATURE REGULATION[mV]
-20to+55
C
-40to+55
C
DRIFT[mV]
START-UP TIME[ms]
VOLTAGE ADJUSTMENT RANGE
VOLTAGE SETTING[V] (
t3%)
SPECIFICATIONS
*2
*1
*2
*3
*3
*3
*3
*4
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION Works over 105% of rating and recovers automatically
REMOTE ON/OFF
Provided (Negative logic L : ON, H : OFF)
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION Works over 105% of rating and recovers automatically
REMOTE ON/OFF
Provided (Negative logic L : ON, H : OFF)
SUS10
On-board type
Ordering information
1Series name
2Single output
3Output wattage
4Input voltage
5Output voltage
6Mounting type
B : SMD
C : DIP
7Packing form
Blank:Plastic cover
P : Pallet (SMD type)
8Optional
G : Capacitor between Input
and Output is removed.
R
SU.SUC
G-10
SU
S
101205
B
P
-
O
12345678


Similar Part No. - SUS101205

ManufacturerPart #DatasheetDescription
logo
COSEL CO., LTD.
SUS101205 COSEL-SUS101205 Datasheet
240Kb / 11P
   DC-DC Converters PCB Mount Type
June 26, 2020
More results

Similar Description - SUS101205

ManufacturerPart #DatasheetDescription
logo
Kingtronics Internation...
GKT-ST KINGTRONICS-GKT-ST Datasheet
360Kb / 4P
   Aluminum Electrolytic Capacitor?밪nap-in
GKT-SS KINGTRONICS-GKT-SS Datasheet
448Kb / 4P
   Aluminum Electrolytic Capacitor?밪nap-in
logo
AVX Corporation
TWA-Y AVX-TWA-Y Datasheet
178Kb / 4P
   Wet Electrolytic Tantalum Capacitor
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DH-CD264 SUNTAN-TS13DH-CD264 Datasheet
915Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com