Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSD468 Datasheet(PDF) 3 Page - Hi-Sincerity Mocroelectronics

Part # HSD468
Description  NPN EPITAXIAL PLANAR TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HSD468 Datasheet(HTML) 3 Page - Hi-Sincerity Mocroelectronics

  HSD468 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HSD468 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HSD468 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HSD468 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6535
Issued Date : 1992.11.25
Revised Date : 2002.02.08
Page No. : 3/4
HSD468
HSMC Product Specification
IR Reflow Profile
0
20
40
60
80
100
120
140
160
180
200
220
240
260
0
50
100
150
200
250
300
Time(sec)
150+/-30
40+/-20 sec
10+/-2 sec
Temperature Profile for Dip Soldering
0
50
100
150
200
250
300
0
50
100
150
200
250
300
350
Time(sec)
10+/-2 sec
120+/-20 sec
Power Temperature Derating
0
100
200
300
400
500
600
700
800
900
1000
0
20
40
60
80
100
120
140
160
Ta , Case Temperature (°C)


Similar Part No. - HSD468

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HSD471 HSMC-HSD471 Datasheet
39Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HSD471A HSMC-HSD471A Datasheet
39Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
logo
Hanbit Electronics Co.,...
HSD4M64B4 HANBIT-HSD4M64B4 Datasheet
87Kb / 11P
   Synchronous DRAM Module 32Mbyte (4Mx64-Bit), SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD4M64B4-10 HANBIT-HSD4M64B4-10 Datasheet
87Kb / 11P
   Synchronous DRAM Module 32Mbyte (4Mx64-Bit), SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD4M64B4-10L HANBIT-HSD4M64B4-10L Datasheet
87Kb / 11P
   Synchronous DRAM Module 32Mbyte (4Mx64-Bit), SO-DIMM, 4Banks, 4K Ref., 3.3V
More results

Similar Description - HSD468

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com