Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC0008060 Datasheet(PDF) 1 Page - ERNI Electronics

Part # DC0008060
Description  Messerleiste SMD. 133-pol. BM Male Con. SMD. 133 cont. BM
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

DC0008060 Datasheet(HTML) 1 Page - ERNI Electronics

  DC0008060 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
330
Verpackungseinheit: 320 Stück
Verpackt in Gurtverpackung
Tape on Reel Packaging
Packaging unit: 320 pcs
Performance Level 1
Kontaktbereich vergoldet
Mating Area gold plating
Anschlussbereich verzinnt 4-6 µm
Terminal Area 4-6 µm tin plating
Koplanarität der Anschlüsse 0,1 mm
Coplanarity Area of Termination
Anforderungsstufe 1
0,1 mm
Abspulrichtung -
Reel off Direction
A3
prior notice.
contact one of the ERNI companies
Date
03.09.2012
d
Index
MSPEED
Male Con. SMD, 133 cont. BM
Messerleiste SMD, 133-pol. BM
394257
5:1
Information:
Tolerances
Scale
All Dimensions
I
www.ERNI.com
Designation
Class
in mm
before using.
Drawing will not be updated.
Subject to modification without
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
PCB-layout proposal
1.)
1.)
Leiterplatten-Layout Vorschlag
1.) Durchmesser des Bohrers
Drill tool
18
18 x 1 =
0,85
±0,03
0,85
18
0,9
3
6 x 3 =
±0,03
±0,03
20
0,8
1
1
0,5
0,7
Montagehaube
hood
20
9,95
0,6
22,95
0,5
0,7
a1
20
12,75
0,8
10,6
a19
a1
g1
g19
18 x 1 = 18
1
21,55


Similar Part No. - DC0008060

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
DC0008036 ERNI-DC0008036 Datasheet
141Kb / 1P
   Federl.90.50p.BM SMD EMV Female 90.50c.BM SMD EMV
DC0008040 ERNI-DC0008040 Datasheet
122Kb / 1P
   Federl.90. SMDTHR 50p. BM EMV Female 90. SMDTHR 50co. BM EMV
DC0008042 ERNI-DC0008042 Datasheet
113Kb / 1P
   Messerl. 90 50-pol SMD EMV Male 90 50 cont. SMD EMV
DC0008045 ERNI-DC0008045 Datasheet
122Kb / 1P
   Messerl. 90 SMDTHR 50-pol EMV Male 90 SMDTHR 50 cont. EMV
DC0008047 ERNI-DC0008047 Datasheet
93Kb / 1P
   Federl. 4mm SMD 50-pol. EMV Female 4mm SMD 50 cont. EMV
More results

Similar Description - DC0008060

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
DC0008057 ERNI-DC0008057 Datasheet
162Kb / 1P
   Federleiste SMD. 133-pol. BM Female Con. SMD. 133 cont. BM
394257 ERNI-394257 Datasheet
152Kb / 1P
   Messerleiste SMD, 133-pol. BM
394256 ERNI-394256 Datasheet
162Kb / 1P
   Federleiste SMD, 133-pol. BM
214355 ERNI-214355 Datasheet
161Kb / 1P
   Messerleiste SMD, 133-pol.
100101930001 ERNI-100101930001 Datasheet
117Kb / 1P
   Messerleiste SMD, 91-pol. BM
100201590001 ERNI-100201590001 Datasheet
162Kb / 1P
   Messerleiste SMD, 133-pol
100104000001 ERNI-100104000001 Datasheet
116Kb / 1P
   Messerleiste SMD 91-pol BM
DC0008049 ERNI-DC0008049 Datasheet
117Kb / 1P
   Federl. 4mm SMD 50-pol. BM EMV Female 4mm SMD 50 cont. BM EMV
100201930001 ERNI-100201930001 Datasheet
142Kb / 1P
   Federleiste SMD, 91-pol. BM
DC0008054 ERNI-DC0008054 Datasheet
164Kb / 1P
   Messerl. 1mm SMD 50pol. BM EMV Male 1mm SMD 50 cont. BM EMV
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com