Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMK212SD562KD-T Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # UMK212SD562KD-T
Description  Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

UMK212SD562KD-T Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  UMK212SD562KD-T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc UMK212SD562KD-T Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
CERAMIC CAPACITORS
Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
UMK212SD562KD-T
Features
Item Summary
50V, 0.0056μF, ±10%, 0805
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping paper 4000pcs
Products characteristics table
CaseSize (EIA/JIS)
0805/2012
Rated Voltage (max)
50V
Capacitance
0.0056μF
Capacitance Tolerance
±10%
Resistance
10,000 MΩ min.
Dielectric Loss Tangent
0.1%MAX
Temperature Range (EIA/JIS)
-55 to +125℃/-55 to +125℃
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow
External Dimensions
L
2.0mm ±0.10
W
1.25mm ±0.10
T
0.85mm ±0.10
e
0.5mm ±0.25
2015.01.05
1 / 1


Similar Part No. - UMK212SD562KD-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
UMK212SD103KD-T TAIYO-YUDEN-UMK212SD103KD-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
UMK212SD392KD-T TAIYO-YUDEN-UMK212SD392KD-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
UMK212SD472KD-T TAIYO-YUDEN-UMK212SD472KD-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
UMK212SD682KD-T TAIYO-YUDEN-UMK212SD682KD-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
UMK212SD822KD-T TAIYO-YUDEN-UMK212SD822KD-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
More results

Similar Description - UMK212SD562KD-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EMK107SD103KA-T TAIYO-YUDEN-EMK107SD103KA-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
GMK212SD153KD-T TAIYO-YUDEN-GMK212SD153KD-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
GMK316SD393KF-T TAIYO-YUDEN-GMK316SD393KF-T Datasheet
313Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
LMK107SD153KA-T TAIYO-YUDEN-LMK107SD153KA-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
LMK212SD823KG-T TAIYO-YUDEN-LMK212SD823KG-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
UMK212SD103KD-T TAIYO-YUDEN-UMK212SD103KD-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
JMK105SD272KP-F TAIYO-YUDEN-JMK105SD272KP-F Datasheet
313Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
TMK316SD683KF-T TAIYO-YUDEN-TMK316SD683KF-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
UMK107SD182KA-T TAIYO-YUDEN-UMK107SD182KA-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
UMK107SD222KA-T TAIYO-YUDEN-UMK107SD222KA-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
LMK107SD183KA-T TAIYO-YUDEN-LMK107SD183KA-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com