Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89LP6440 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller Compatible with MCS51 Products
Download  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT89LP6440_14 Datasheet HTML 5Page - ATMEL Corporation AT89LP6440_14 Datasheet HTML 6Page - ATMEL Corporation AT89LP6440_14 Datasheet HTML 7Page - ATMEL Corporation AT89LP6440_14 Datasheet HTML 8Page - ATMEL Corporation AT89LP6440_14 Datasheet HTML 9Page - ATMEL Corporation AT89LP6440_14 Datasheet HTML 10Page - ATMEL Corporation AT89LP6440_14 Datasheet HTML 11Page - ATMEL Corporation AT89LP6440_14 Datasheet HTML 12Page - ATMEL Corporation AT89LP6440_14 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 200 page
background image
9
3706C–MICRO–2/11
AT89LP3240/6440
2.3
Comparison to Standard 8051
The AT89LP3240/6440 is part of a family of devices with enhanced features that are fully binary
compatible with the 8051 instruction set. In addition, most SFR addresses, bit assignments, and
pin alternate functions are identical to Atmel's existing standard 8051 products. However, due to
the high performance nature of the device, some system behaviors are different from those of
Atmel's standard 8051 products such as AT89S52 or AT89C2051. The major differences from
the standard 8051 are outlined in the following paragraphs and may be useful to users migrating
to the AT89LP3240/6440 from older devices.
2.3.1
System Clock
The maximum CPU clock frequency equals the externally supplied XTAL1 frequency. The oscil-
lator is not divided by 2 to provide the internal clock and X2 mode is not supported. The System
Clock Divider can scale the CPU clock versus the oscillator source (See Section 6.5 on page
32).
2.3.2
Reset
The RST pin of the AT89LP3240/6440 is active-LOW as compared with the active-high reset in
the standard 8051. In addition, the RST pin is sampled every clock cycle and must be held low
for a minimum of two clock cycles, instead of 24 clock cycles, to be recognized as a valid reset.
2.3.3
Instruction Execution with Single-cycle Fetch
The CPU fetches one code byte from memory every clock cycle instead of every six clock
cycles. This greatly increases the throughput of the CPU. As a consequence, the CPU no longer
executes instructions in 12, 24 or 48 clock cycles. Each standard instruction executes in only 1
to 4 clock cycles. See “Instruction Set Summary” on page 143 for more details. Any software
delay loops or instruction-based timing operations may need to be retuned to achieve the
desired results.
2.3.4
Interrupt Handling
The interrupt controller polls the interrupt flags during the last clock cycle of any instruction. In
order for an interrupt to be serviced at the end of an instruction, its flag needs to have been
latched as active during the next to last clock cycle of the instruction, or in the last clock cycle of
the previous instruction if the current instruction executes in only a single clock cycle.
The external interrupt pins, INT0 and INT1, are sampled at every clock cycle instead of once
every 12 clock cycles. Coupled with the shorter instruction timing and faster interrupt response,
this leads to a higher maximum rate of incidence for the external interrupts.
The Serial Peripheral Interface (SPI) has a dedicated interrupt vector. The SPI no longer shares
its interrupt with the Serial Port and the ESPI (IE2.2) bit replaces SPIE (SPCR.7).
2.3.5
Timer/Counters
By default Timer0, Timer 1 and Timer 2 are incremented at a rate of once per clock cycle. This
compares to once every 12 clocks in the standard 8051. A common prescaler is available to
divide the time base for all timers and reduce the increment rate. The TPS
3-0 bits in the CLKREG
SFR control the prescaler (Table 6-2 on page 33). Setting TPS
3-0 = 1011B will cause the timers
to count once every 12 clocks.
The external Timer/Counter pins, T0, T1, T2 and T2EX, are sampled at every clock cycle instead
of once every 12 clock cycles. This increases the maximum rate at which the Counter modules
may function.


Similar Part No. - AT89LP6440_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP6440-20AU ATMEL-AT89LP6440-20AU Datasheet
5Mb / 194P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
AT89LP6440-20JU ATMEL-AT89LP6440-20JU Datasheet
5Mb / 194P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
AT89LP6440-20MU ATMEL-AT89LP6440-20MU Datasheet
5Mb / 194P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
AT89LP6440-20PU ATMEL-AT89LP6440-20PU Datasheet
5Mb / 194P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
More results

Similar Description - AT89LP6440_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP213 ATMEL-AT89LP213_14 Datasheet
2Mb / 98P
   8-bit Microcontroller Compatible with MCS51 Products
AT89LP428 ATMEL-AT89LP428_14 Datasheet
4Mb / 149P
   8-bit Microcontroller Compatible with MCS51 Products
AT89LP214 ATMEL-AT89LP214_14 Datasheet
2Mb / 98P
   8-bit Microcontroller Compatible with MCS51 Products
AT89LP51RC2 ATMEL-AT89LP51RC2_14 Datasheet
7Mb / 254P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP828 ATMEL-AT89LP828_14 Datasheet
4Mb / 149P
   8-bit Microcontroller Compatible with MCS짰51 Products
AT89LP51 ATMEL-AT89LP51_14 Datasheet
4Mb / 117P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51ED2 ATMEL-AT89LP51ED2_14 Datasheet
809Kb / 26P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51IC2 ATMEL-AT89LP51IC2_14 Datasheet
7Mb / 254P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP216 ATMEL-AT89LP216_14 Datasheet
2Mb / 98P
   8-bit Microcontroller Compatible with MCS짰51 Products
AT89LP51RB2 ATMEL-AT89LP51RB2_14 Datasheet
7Mb / 254P
   8-bit Microcontroller Compatible with 8051 Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com