Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B25673A4052A010 Datasheet(PDF) 5 Page - TDK Electronics

Part # B25673A4052A010
Description  Film Capacitors - Power Factor Correction
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B25673A4052A010 Datasheet(HTML) 5 Page - TDK Electronics

  B25673A4052A010 Datasheet HTML 1Page - TDK Electronics B25673A4052A010 Datasheet HTML 2Page - TDK Electronics B25673A4052A010 Datasheet HTML 3Page - TDK Electronics B25673A4052A010 Datasheet HTML 4Page - TDK Electronics B25673A4052A010 Datasheet HTML 5Page - TDK Electronics B25673A4052A010 Datasheet HTML 6Page - TDK Electronics B25673A4052A010 Datasheet HTML 7Page - TDK Electronics B25673A4052A010 Datasheet HTML 8Page - TDK Electronics B25673A4052A010 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Film Capacitors – Power Factor Correction
B25673A4052A010
PhaseCap Compact capacitors
MKK415-D-5-02
FILM PFC PM
January 2012
Please read Cautions and warnings and
Page 5 of 10
Important notes at the end of this document.
Mean life expectancy
tLD
Up to 200 000 hours (temperature class –40/C) ;
HS
≤ 70°C
Up to 150 000 hours (temperature class –40/60) ;
HS
≤ 70°C
Max. 10000 switchings per year
Terminals
Protection degree
Isolated terminals, IP20
Max. torque
1.2 Nm
Terminal cross section
16 mm
2
Maximum terminal current
50 A
Creepage distance (min)
12.7 mm
Clearance (min)
9.6 mm
Safety
Mechanical safety
Overpressure disconnector
Max. short circuit current
(AFC: 10 kA)
Discharge resistor time
” 60 s to 75 V or less
Reference standards
IEC 60831–1/2, UL 810-5th edition


Similar Part No. - B25673A4052A010

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25673A4052A010 EPCOS-B25673A4052A010 Datasheet
374Kb / 8P
   PhaseCap Compact capacitors
More results

Similar Description - B25673A4052A010

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E4071A540 TDK-B32344E4071A540 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32364 TDK-B32364 Datasheet
272Kb / 9P
   Film Capacitors - Power Factor Correction
B25667C3147A375 TDK-B25667C3147A375 Datasheet
168Kb / 10P
   Film Capacitors ??Power Factor Correction
B32344E4071A580 TDK-B32344E4071A580 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4072A580 TDK-B32344E4072A580 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4102A000 TDK-B32344E4102A000 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B25673A0122A500 TDK-B25673A0122A500 Datasheet
195Kb / 10P
   Film Capacitors - Power Factor Correction
B44066D7075M400 TDK-B44066D7075M400 Datasheet
77Kb / 5P
   Film Capacitors - Power Factor Correction
B25671A5002A520 TDK-B25671A5002A520 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5032A020 TDK-B25671A5032A020 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5127A375 TDK-B25671A5127A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com