Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD310 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TD310
Description  TRIPLE IGBT/MOS DRIVER WITH CURRENT SENSE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD310 Datasheet(HTML) 2 Page - STMicroelectronics

  TD310 Datasheet HTML 1Page - STMicroelectronics TD310 Datasheet HTML 2Page - STMicroelectronics TD310 Datasheet HTML 3Page - STMicroelectronics TD310 Datasheet HTML 4Page - STMicroelectronics TD310 Datasheet HTML 5Page - STMicroelectronics TD310 Datasheet HTML 6Page - STMicroelectronics TD310 Datasheet HTML 7Page - STMicroelectronics TD310 Datasheet HTML 8Page - STMicroelectronics TD310 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TD310
2/9
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
OPERATING CONDITIONS
INSTRUCTION FOR USE
1 - The TD310 supply voltage must be decoupled with a 1
µF min. capacitor.
2 - If the application involving TD310 requires maximum output current capability, this current must be
pulsed: pulse width 1
µsec, duty cycle 1% at T
amb.
VCC
INA
INB
INC
Enable
Alarm
OA output
OA input +
Sense+
OA Input-
Sense -
GND
OUTC
OUTB
OUTA
Control
UVLO
Standby
TD310
Stby
GND
Unit
GND
VCC
1.2V
0.7V
Standby
140k
1.26M
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
18
V
Vi
Input Voltage
0 to VCC
V
Vis
Sense Input Voltage
-0.3 to VCC
V
Tj
Operating Junction Temperature
-40 to 150
°C
Tamb
Operating Ambient Temperature
-40 to 125
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
4 to 16
V


Similar Part No. - TD310

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD310 STMICROELECTRONICS-TD310 Datasheet
82Kb / 9P
   TRIPLE IGBT/MOS DRIVER
TD310 STMICROELECTRONICS-TD310 Datasheet
132Kb / 9P
   TRIPLE IGBT/MOS DRIVER WITH CURRENT SENSE
TD310 STMICROELECTRONICS-TD310 Datasheet
136Kb / 9P
   TRIPLE IGBT/MOS DRIVER WITH CURRENT SENSE
December 2001
TD310D STMICROELECTRONICS-TD310D Datasheet
82Kb / 9P
   TRIPLE IGBT/MOS DRIVER
TD310I STMICROELECTRONICS-TD310I Datasheet
82Kb / 9P
   TRIPLE IGBT/MOS DRIVER
More results

Similar Description - TD310

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD310 STMICROELECTRONICS-TD310_01 Datasheet
132Kb / 9P
   TRIPLE IGBT/MOS DRIVER WITH CURRENT SENSE
TD310IN STMICROELECTRONICS-TD310IN Datasheet
138Kb / 9P
   TRIPLE IGBT/MOS DRIVER WITH CURRENT SENSE
TD310 STMICROELECTRONICS-TD310_V01 Datasheet
136Kb / 9P
   TRIPLE IGBT/MOS DRIVER WITH CURRENT SENSE
December 2001
TD310 STMICROELECTRONICS-TD310 Datasheet
82Kb / 9P
   TRIPLE IGBT/MOS DRIVER
TD300 STMICROELECTRONICS-TD300 Datasheet
135Kb / 8P
   15V TRIPLE IGBT/MOS DRIVER
logo
ON Semiconductor
NCD57085 ONSEMI-NCD57085 Datasheet
324Kb / 23P
   Isolated Compact IGBT Gate Driver with Current Sense
March, 2021 - Rev. 0
logo
Shenzhen Huazhimei Semi...
HM4116 HMSEMI-HM4116 Datasheet
506Kb / 8P
   Built-in 5A MOS high-side current-sense buck LED constant current driver
logo
STMicroelectronics
VND5T050AK-E STMICROELECTRONICS-VND5T050AK-E Datasheet
772Kb / 32P
   Double channel high-side driver with analog current sense
logo
Micrel Semiconductor
MIC3201 MICREL-MIC3201 Datasheet
521Kb / 16P
   High Brightness LED Driver with High-Side Current Sense
logo
Texas Instruments
DRV8884 TI1-DRV8884_18 Datasheet
2Mb / 44P
[Old version datasheet]   1.0-A Stepper Motor Driver With Integrated Current Sense
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com