Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD310IDT Datasheet(PDF) 8 Page - STMicroelectronics

Part # TD310IDT
Description  TRIPLE IGBT/MOS DRIVER WITH CURRENT SENSE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD310IDT Datasheet(HTML) 8 Page - STMicroelectronics

  TD310IDT Datasheet HTML 1Page - STMicroelectronics TD310IDT Datasheet HTML 2Page - STMicroelectronics TD310IDT Datasheet HTML 3Page - STMicroelectronics TD310IDT Datasheet HTML 4Page - STMicroelectronics TD310IDT Datasheet HTML 5Page - STMicroelectronics TD310IDT Datasheet HTML 6Page - STMicroelectronics TD310IDT Datasheet HTML 7Page - STMicroelectronics TD310IDT Datasheet HTML 8Page - STMicroelectronics TD310IDT Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TD310
8/9
PACKAGE MECHANICAL DATA
16 PINS - PLASTIC DIP
Dim.
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
a1
0.51
0.020
B
0.77
1.65
0.030
0.065
b
0.5
0.020
b1
0.25
0.010
D
20
0.787
E
8.5
0.335
e
2.54
0.100
e3
17.78
0.700
F
7.1
0.280
i
5.1
0.201
L
3.3
0.130
Z
1.27
0.050


Similar Part No. - TD310IDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD310IDT STMICROELECTRONICS-TD310IDT Datasheet
136Kb / 9P
   TRIPLE IGBT/MOS DRIVER WITH CURRENT SENSE
December 2001
More results

Similar Description - TD310IDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD310 STMICROELECTRONICS-TD310_01 Datasheet
132Kb / 9P
   TRIPLE IGBT/MOS DRIVER WITH CURRENT SENSE
TD310IN STMICROELECTRONICS-TD310IN Datasheet
138Kb / 9P
   TRIPLE IGBT/MOS DRIVER WITH CURRENT SENSE
TD310 STMICROELECTRONICS-TD310_V01 Datasheet
136Kb / 9P
   TRIPLE IGBT/MOS DRIVER WITH CURRENT SENSE
December 2001
TD310 STMICROELECTRONICS-TD310 Datasheet
82Kb / 9P
   TRIPLE IGBT/MOS DRIVER
TD300 STMICROELECTRONICS-TD300 Datasheet
135Kb / 8P
   15V TRIPLE IGBT/MOS DRIVER
logo
ON Semiconductor
NCD57085 ONSEMI-NCD57085 Datasheet
324Kb / 23P
   Isolated Compact IGBT Gate Driver with Current Sense
March, 2021 - Rev. 0
logo
Shenzhen Huazhimei Semi...
HM4116 HMSEMI-HM4116 Datasheet
506Kb / 8P
   Built-in 5A MOS high-side current-sense buck LED constant current driver
logo
STMicroelectronics
VND5T050AK-E STMICROELECTRONICS-VND5T050AK-E Datasheet
772Kb / 32P
   Double channel high-side driver with analog current sense
logo
Micrel Semiconductor
MIC3201 MICREL-MIC3201 Datasheet
521Kb / 16P
   High Brightness LED Driver with High-Side Current Sense
logo
Texas Instruments
DRV8884 TI1-DRV8884_18 Datasheet
2Mb / 44P
[Old version datasheet]   1.0-A Stepper Motor Driver With Integrated Current Sense
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com