Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF1208_2015 Datasheet(PDF) 10 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BF1208_2015
Description  Dual N-channel dual gate MOSFET
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1208_2015 Datasheet(HTML) 10 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BF1208_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208_2015 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208_2015 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208_2015 Datasheet HTML 12Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208_2015 Datasheet HTML 13Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1208_2015 Datasheet HTML 14Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
9397 750 14254
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 16 March 2005
10 of 22
Philips Semiconductors
BF1208
Dual N-channel dual gate MOSFET
8.1.2 Scattering parameters for amplifier A
8.1.3 Noise data for amplifier A
VDS(A) =5V; VG2-S =4V; VDS(B) =VG1-S(B) =0V; ID(A) =19mA
Fig 16. Amplifier A: output admittance as a function of frequency; typical values
001aac569
1
10−1
10
bos, gos
(mS)
10−2
f (MHz)
10
103
102
bos
gos
Table 9:
Scattering parameters for amplifier A
VDS(A) =5V; VG2-S =4V; ID(A) = 19 mA; VDS(B) =0V;VG1-S(B) =0V; Tamb = 25 °C; typical values.
f
(MHz)
s11
s21
s12
s22
Magnitude
(ratio)
Angle
(deg)
Magnitude
(ratio)
Angle
(deg)
Magnitude
(ratio)
Angle
(deg)
Magnitude
(ratio)
Angle
(deg)
50
0.991
−3.86
3.08
175.91 0.0009
77.41
0.992
−1.41
100
0.990
−7.73
3.03
171.76 0.0019
78.10
0.991
−2.81
200
0.986
−15.43 2.99
163.68 0.0037
78.39
0.990
−5.57
300
0.980
−22.98 2.94
155.54 0.0054
73.53
0.989
−8.34
400
0.970
−30.44 2.89
147.55 0.0070
68.74
0.986
−11.08
500
0.960
−37.60 2.82
139.76 0.0085
63.64
0.983
−13.78
600
0.948
−44.62 2.75
132.16 0.0098
59.62
0.980
−16.45
700
0.935
−51.44 2.67
124.70 0.0110
55.09
0.977
−19.10
800
0.921
−58.04 2.58
117.39 0.0120
50.79
0.973
−21.69
900
0.908
−64.41 2.50
110.20 0.0128
46.62
0.970
−24.28
1000
0.894
−70.49 2.40
103.31 0.0135
42.78
0.967
−26.87
Table 10:
Noise data for amplifier A
VDS(A) =5V; VG2-S =4V; ID(A) = 19 mA; VDS(B) =0V; VG1-S(B) =0V; Tamb =25 °C; typical values;
unless otherwise specified.
f (MHz)
NFmin (dB)
Γ
opt
rn (Ω)
ratio
(deg)
400
1.3
0.718
16.06
0.683
800
1.4
0.677
37.59
0.681


Similar Part No. - BF1208_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF1208D PHILIPS-BF1208D Datasheet
253Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
BF1208D NXP-BF1208D Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
BF1208D NXP-BF1208D Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BF1208D JMNIC-BF1208D Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
BF1208D JMNIC-BF1208D_15 Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
More results

Similar Description - BF1208_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF1214 NXP-BF1214 Datasheet
211Kb / 18P
   Dual N-channel dual gate MOSFET
Rev. 01-30 October 2007
BF1208D PHILIPS-BF1208D Datasheet
253Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
BF1210 PHILIPS-BF1210 Datasheet
252Kb / 21P
   Dual N-channel dual gate MOSFET
Rev. 01-25 October 2006
BF1208D NXP-BF1208D Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
logo
Quanzhou Jinmei Electro...
BF1208D JMNIC-BF1208D_15 Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
BF1214 JMNIC-BF1214_15 Datasheet
218Kb / 18P
   Dual N-channel dual gate MOSFET
logo
NXP Semiconductors
BF1208 PHILIPS-BF1208 Datasheet
167Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 March 2005
logo
Quanzhou Jinmei Electro...
BF1206F JMNIC-BF1206F_15 Datasheet
213Kb / 17P
   Dual N-channel dual gate MOSFET
BF1210 JMNIC-BF1210_15 Datasheet
260Kb / 21P
   Dual N-channel dual gate MOSFET
BF1207_2015 JMNIC-BF1207_2015 Datasheet
168Kb / 22P
   Dual N-channel dual gate MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com