Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSL-LX2573ID Datasheet(PDF) 1 Page - LUMEX INC.

Part # SSL-LX2573ID
Description  2mm x 5mm RECTANGULAR, 635mm RED LED, RED DIFFUSED LENS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.

SSL-LX2573ID Datasheet(HTML) 1 Page - LUMEX INC.

  SSL-LX2573ID Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - SSL-LX2573ID

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSL-LX2573ID-5V LUMEX-SSL-LX2573ID-5V Datasheet
64Kb / 1P
   QUASARBRITE 2mm X 5mm RECTANGULAR LED
SSL-LX2573ID-BL9 LUMEX-SSL-LX2573ID-BL9 Datasheet
52Kb / 1P
   2mm X 5mm RECTANGULAR RED LED
SSL-LX2573ID-WS LUMEX-SSL-LX2573ID-WS Datasheet
52Kb / 1P
   2mm X 5mm RECTANGULAR
More results

Similar Description - SSL-LX2573ID

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSI-LXH55ID LUMEX-SSI-LXH55ID Datasheet
55Kb / 1P
   5mm x 5mm 635mm RED LED PANEL INDICATOR RED DIFFUSED LENS
SSL-LX2583ID LUMEX-SSL-LX2583ID Datasheet
52Kb / 1P
   2mm X 5.5mm RECTANGULAR, 635mm RED LED
SSL-LX2344ID LUMEX-SSL-LX2344ID Datasheet
65Kb / 1P
   2mm X 3mm RECTANGULAR 635mm Red LED
SSL-LX2573ID-BL9 LUMEX-SSL-LX2573ID-BL9 Datasheet
52Kb / 1P
   2mm X 5mm RECTANGULAR RED LED
SSI-LXH55ID-150 LUMEX-SSI-LXH55ID-150 Datasheet
79Kb / 1P
   5mm x 5mm 635mm RED LED PANEL INDICATOR, RED DIFFUSED LENS, 6 WIRE LEADS
logo
Micro Electronics
MSB64TA-1 MICRO-ELECTRONICS-MSB64TA-1 Datasheet
59Kb / 1P
   2mm x 5mm RECTANGULAR RED LED LAMP
MSB64DA-1 MICRO-ELECTRONICS-MSB64DA-1 Datasheet
59Kb / 1P
   2mm x 5mm RECTANGULAR RED LED LAMP
logo
LUMEX INC.
SSL-LX2573HD LUMEX-SSL-LX2573HD Datasheet
51Kb / 1P
   2mm X 5mm RECTANGULAR 700mm RED LED
logo
List of Unclassifed Man...
SSL-LX2573SRD ETC1-SSL-LX2573SRD Datasheet
50Kb / 1P
   2mm 횞 5mm RECTANGLUR, 650nm SUPER RED LED, RED DIFFUSED LENS.
logo
LUMEX INC.
SSL-LX2573SIC LUMEX-SSL-LX2573SIC Datasheet
49Kb / 1P
   2mm X 5mm RECTANGULAR, 636mm AlllGaP RED LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com