Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF1100WR_2015 Datasheet(PDF) 8 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BF1100WR_2015
Description  Dual-gate MOS-FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1100WR_2015 Datasheet(HTML) 8 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BF1100WR_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100WR_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100WR_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100WR_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100WR_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100WR_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100WR_2015 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100WR_2015 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100WR_2015 Datasheet HTML 12Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
1995 Apr 25
8
Philips Semiconductors
Product specification
Dual-gate MOS-FET
BF1100WR
Fig.14 Gate 1 current as a function of gate 2 voltage;
typical values.
VDS =9V.
RG1 = 180 kΩ (connected to VGG); Tj =25 °C.
handbook, halfpage
02
46
50
40
30
10
0
20
MLD167
I G1
(
µA)
V
(V)
G2 S
8 V
7 V
6 V
5 V
4 V
V
= 9 V
GG
Fig.15 Gate 1 current as a function of gate 2 voltage;
typical values.
VDS =12V.
RG1 = 250 kΩ (connected to VGG); Tj =25 °C.
handbook, halfpage
02
46
50
40
30
10
0
20
MLD168
I G1
(
µA)
V
(V)
G2 S
11 V
10 V
9 V
8 V
7 V
V
= 12 V
GG
Fig.16 Drain current as a function of the gate 2
voltage; typical values; see Fig.26.
VDS =9V.
RG1 = 180 kΩ (connected to VGG); Tj =25 °C.
handbook, halfpage
024
6
0
16
MLD169
12
8
4
I D
(mA)
8 V
7 V
6 V
5 V
4 V
V
= 9 V
GG
V
(V)
G2 S
VDS =12V.
RG1 = 250 kΩ (connected to VGG); Tj =25 °C.
Fig.17 Drain current as a function of the gate 2
voltage; typical values; see Fig.26.
handbook, halfpage
024
6
0
16
MLD170
12
8
4
I D
(mA)
11 V
10 V
9 V
8 V
7 V
V
= 12 V
GG
V
(V)
G2 S


Similar Part No. - BF1100WR_2015

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BF1100WR JMNIC-BF1100WR_15 Datasheet
106Kb / 14P
   Dual-gate MOS-FET
More results

Similar Description - BF1100WR_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF1100WR PHILIPS-BF1100WR Datasheet
146Kb / 14P
   Dual-gate MOS-FET
1995 Apr 25
logo
Quanzhou Jinmei Electro...
BF1100WR JMNIC-BF1100WR_15 Datasheet
106Kb / 14P
   Dual-gate MOS-FET
logo
NXP Semiconductors
BF1100WR NXP-BF1100WR Datasheet
471Kb / 16P
   Dual-gate MOS-FET
1995 Apr 25
BF1204 PHILIPS-BF1204 Datasheet
110Kb / 12P
   Dual N-channel dual gate MOS-FET
2001 Apr 25
BF1205 PHILIPS-BF1205 Datasheet
185Kb / 24P
   Dual N-channel dual gate MOS-FET
2003 Sep 30
BF1206 PHILIPS-BF1206 Datasheet
186Kb / 21P
   Dual N-channel dual-gate MOS-FET
2003 Nov 17
logo
Quanzhou Jinmei Electro...
BF1205C_2015 JMNIC-BF1205C_2015 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1206_2015 JMNIC-BF1206_2015 Datasheet
192Kb / 21P
   Dual N-channel dual-gate MOS-FET
BF1205C JMNIC-BF1205C_15 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1206 JMNIC-BF1206_15 Datasheet
192Kb / 21P
   Dual N-channel dual-gate MOS-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com