Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPF5043Z Datasheet(PDF) 11 Page - RF Micro Devices

Part # SPF5043Z
Description  50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SPF5043Z Datasheet(HTML) 11 Page - RF Micro Devices

Back Button SPF5043Z Datasheet HTML 5Page - RF Micro Devices SPF5043Z Datasheet HTML 6Page - RF Micro Devices SPF5043Z Datasheet HTML 7Page - RF Micro Devices SPF5043Z Datasheet HTML 8Page - RF Micro Devices SPF5043Z Datasheet HTML 9Page - RF Micro Devices SPF5043Z Datasheet HTML 10Page - RF Micro Devices SPF5043Z Datasheet HTML 11Page - RF Micro Devices SPF5043Z Datasheet HTML 12Page - RF Micro Devices SPF5043Z Datasheet HTML 13Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11 of 13
DS110915
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SPF5043Z
Evaluation Board Layout
Bill of Materials (SPF5043Z, 400MHz to 3000MHz)
Application Schematic
(400MHz to 3000MHz)
C1
TAJB104KLRF, Rohm, 0.1uF
C2
MCH185A101JK, Rohm, 100pF
C3
MCH185A101JK, Rohm, 100pF
C4
MCH185A101JK, Rohm, 100pF
L1
LL1608-FSR10J, Toko, 100nH


Similar Part No. - SPF5043Z

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
SPF5043Z QORVO-SPF5043Z Datasheet
1Mb / 14P
   50 MHz to 4000 MHz Low-Noise Amplifier
SPF5043ZPCK1 QORVO-SPF5043ZPCK1 Datasheet
1Mb / 14P
   50 MHz to 4000 MHz Low-Noise Amplifier
SPF5043ZSR QORVO-SPF5043ZSR Datasheet
1Mb / 14P
   50 MHz to 4000 MHz Low-Noise Amplifier
More results

Similar Description - SPF5043Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SPF5122Z RFMD-SPF5122Z Datasheet
814Kb / 12P
   50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
SPF-5043Z RFMD-SPF-5043Z Datasheet
590Kb / 12P
   50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
SPF-5122Z RFMD-SPF-5122Z Datasheet
405Kb / 12P
   50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
logo
Analog Devices
HMC462LP5 AD-HMC462LP5 Datasheet
375Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC1049 AD-HMC1049 Datasheet
272Kb / 14P
   GaAs pHEMT MMIC Low Noise Amplifier
HMC342LC4 AD-HMC342LC4 Datasheet
340Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC460 AD-HMC460 Datasheet
506Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC462 AD-HMC462 Datasheet
443Kb / 8P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC518 AD-HMC518 Datasheet
625Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com