Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6645 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP6645
Description  Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6645 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP6645 Datasheet HTML 5Page - Sipex Corporation SP6645 Datasheet HTML 6Page - Sipex Corporation SP6645 Datasheet HTML 7Page - Sipex Corporation SP6645 Datasheet HTML 8Page - Sipex Corporation SP6645 Datasheet HTML 9Page - Sipex Corporation SP6645 Datasheet HTML 10Page - Sipex Corporation SP6645 Datasheet HTML 11Page - Sipex Corporation SP6645 Datasheet HTML 12Page - Sipex Corporation SP6645 Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
Date: 11/30/04
SP6644/6645 High Efficiency Boost Regulator
© Copyright 2004 Sipex Corporation
Figure 27. Internal Block Diagram of the SP6644/6645
SHDN
LOGIC
DRV-P
DRV-N
FB
VBATT
PDISCHARGE
VOUT
LX
+1.0V (SP6644)
+2.0V (SP6645)
VREF
BATTLO
START
UP
OSC
NCHARGE
N
SP6644
SP6645
N
Inductor
Damping
Switch
I-Discharge
I-Charge
REFREADY
+1.0V (SP6644)
+2.0V (SP6645)
VLPK
GND
+1.25V
RLIM
RLIM
BLOCK DIAGRAM


Similar Part No. - SP6645

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6645 SIPEX-SP6645 Datasheet
201Kb / 15P
   Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
SP6645 SIPEX-SP6645 Datasheet
145Kb / 5P
   Evaluation Board Manual
SP6645 SIPEX-SP6645 Datasheet
215Kb / 15P
   Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
logo
Exar Corporation
SP6645 EXAR-SP6645 Datasheet
215Kb / 15P
   Single/Dual Alkaline Cell, High Efficiency
logo
Sipex Corporation
SP6645EU SIPEX-SP6645EU Datasheet
240Kb / 15P
   Single/Dual Alkaline Cell, High Efficiency Step-Up DC-DC Converter
More results

Similar Description - SP6645

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6644 SIPEX-SP6644 Datasheet
201Kb / 15P
   Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
SP6644 SIPEX-SP6644_05 Datasheet
215Kb / 15P
   Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
SP6644 SIPEX-SP6644 Datasheet
240Kb / 15P
   Single/Dual Alkaline Cell, High Efficiency Step-Up DC-DC Converter
SP6642 SIPEX-SP6642 Datasheet
248Kb / 4P
   Single Alkaline Cell, High Efficiency Step-Up DC-DC Converter
logo
Exar Corporation
SP6644 EXAR-SP6644 Datasheet
215Kb / 15P
   Single/Dual Alkaline Cell, High Efficiency
logo
Lowpower Semiconductor ...
LP6203 POWER-LP6203 Datasheet
282Kb / 8P
   High Efficiency Boost DC/DC Regulator
logo
Shenzhen Huazhimei Semi...
HM1531 HMSEMI-HM1531 Datasheet
518Kb / 6P
   HM1531 High Efficiency DC-DC Boost Regulator
logo
Sipex Corporation
SP6641A SIPEX-SP6641A Datasheet
120Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641A SIPEX-SP6641A Datasheet
120Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Exar Corporation
SP6641BEK-L-5-0-TR EXAR-SP6641BEK-L-5-0-TR Datasheet
137Kb / 14P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com