Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSA1156YS Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KSA1156YS
Description  High Voltage Switching
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSA1156YS Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KSA1156YS Datasheet HTML 1Page - Fairchild Semiconductor KSA1156YS Datasheet HTML 2Page - Fairchild Semiconductor KSA1156YS Datasheet HTML 3Page - Fairchild Semiconductor KSA1156YS Datasheet HTML 4Page - Fairchild Semiconductor KSA1156YS Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Collector-Emitter Saturation Voltage
Base-Emitter Saturation Voltage
Figure 4. Safe Operating Area
Figure 5. Reverse Bias Safe Operating Area
Figure 6. Derating Curve of Safe Operating Areas
-0
-2
-4
-6
-8
-10
-0.0
-0.1
-0.2
-0.3
-0.4
-0.5
IB = -200mA
IB = -180mA
IB = -80mA
IB = -120mA
IB = -160mA
IB = -60mA
IB = -100mA
IB = -140mA
IB = -40mA
IB = -20mA
VCE[V], COLLECTOR-EMITTER VOLTAGE
-0.1
-1
-10
-100
-1000
1
10
100
1000
VCE = -5V
Pulse Test
IC[A], COLLECTOR CURRENT
-0.1
-1
-10
-100
-1000
-0.01
-0.1
-1
-10
IC = 10 IB
VCE(sat)
VBE(sat)
IC[mA], COLLECTOR CURRENT
-1
-10
-100
-1000
-1E-3
-0.01
-0.1
-1
-10
10㎲
1m
s
DISSI
PA
TION
LIMITE
D
DC
100
IC MAX. (Pulse)
VCE[V], COLLECTOR-EMITTER VOLTAGE
-0
-100
-200
-300
-400
-500
-0
-50
-100
-150
-200
-250
VCE(v), COLLECTOR EMITTER VOLTAGE
0
50
100
150
200
0
20
40
60
80
100
120
140
160
Di
ss
ipat
ion
Li
m
ite
d
S/b Li
mited
TC[
o
C], CASE TEMPERATURE


Similar Part No. - KSA1156YS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSA1156 FAIRCHILD-KSA1156 Datasheet
65Kb / 5P
   High Voltage Switching Low Power Switching Regulator DC-DC Converter
KSA1156 FAIRCHILD-KSA1156 Datasheet
96Kb / 5P
   High Voltage Switching Low Power Switching Regulator DC-DC Converter
KSA1156 FAIRCHILD-KSA1156 Datasheet
70Kb / 5P
   High Voltage Switching
logo
Foshan Blue Rocket Elec...
KSA1156 FOSHAN-KSA1156 Datasheet
897Kb / 6P
   Silicon PNP transistor in a TO-126F Plastic Package.
logo
Fairchild Semiconductor
KSA1156OS FAIRCHILD-KSA1156OS Datasheet
96Kb / 5P
   High Voltage Switching Low Power Switching Regulator DC-DC Converter
More results

Similar Description - KSA1156YS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSA1156 FAIRCHILD-KSA1156 Datasheet
70Kb / 5P
   High Voltage Switching
BU406 FAIRCHILD-BU406 Datasheet
47Kb / 5P
   High Voltage Switching
BU407 FAIRCHILD-BU407 Datasheet
46Kb / 4P
   High Voltage Switching
logo
Sanyo Semicon Device
2SA1831 SANYO-2SA1831 Datasheet
87Kb / 3P
   High-Voltage Amp, High-Voltage Switching
logo
Toshiba Semiconductor
2SC5684 TOSHIBA-2SC5684_04 Datasheet
123Kb / 3P
   Switching Regulator and High-Voltage Switching
logo
Sanyo Semicon Device
2SC4257 SANYO-2SC4257 Datasheet
77Kb / 3P
   High-Voltage Amp, High-Voltage Switching Applications
2SC4634 SANYO-2SC4634 Datasheet
84Kb / 3P
   High-Voltage Amp, High-Voltage Switching Applications
2SC4636 SANYO-2SC4636 Datasheet
86Kb / 3P
   High-Voltage Amp, High-Voltage Switching Applications
2SC3676 SANYO-2SC3676 Datasheet
84Kb / 3P
   High-Voltage Amp, High-Voltage Switching Applications
2SA1968LS SANYO-2SA1968LS Datasheet
30Kb / 3P
   High-Voltage Amplifier, High-Voltage Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com