Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7306TR Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7306TR
Description  Generation V Technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7306TR Datasheet(HTML) 1 Page - International Rectifier

  IRF7306TR Datasheet HTML 1Page - International Rectifier IRF7306TR Datasheet HTML 2Page - International Rectifier IRF7306TR Datasheet HTML 3Page - International Rectifier IRF7306TR Datasheet HTML 4Page - International Rectifier IRF7306TR Datasheet HTML 5Page - International Rectifier IRF7306TR Datasheet HTML 6Page - International Rectifier IRF7306TR Datasheet HTML 7Page - International Rectifier IRF7306TR Datasheet HTML 8Page - International Rectifier IRF7306TR Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
PD - 9.1241C
l Generation V Technology
l Ultra Low On-Resistance
l Dual P-Channel Mosfet
l Surface Mount
l Available in Tape & Reel
l Dynamic dv/dt Rating
l Fast Switching
Description
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve the
lowest possible on-resistance per silicon area. This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power
MOSFETs are well known for, provides the designer
with an extremely efficient device for use in a wide
variety of applications.
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
multiple-die capability making it ideal in a variety of
power applications. With these improvements, multiple
devices can be used in an application with dramatically
reduced board space. The package is designed for
vapor phase, infra red, or wave soldering techniques.
Power dissipation of greater than 0.8W is possible in
a typical PCB mount application.
IRF7306
SO-8
VDSS = -30V
RDS(on) = 0.10Ω
Parameter
Max.
Units
ID @ TA = 25°C
10 Sec. Pulsed Drain Current, VGS @ -10V
-4.0
ID @ TA = 25°C
Continuous Drain Current, VGS @ -10V
-3.6
ID @ TA = 70°C
Continuous Drain Current, VGS @ -10V
-2.9
IDM
Pulsed Drain Current

-14
PD @TA = 25°C
Power Dissipation
2.0
W
Linear Derating Factor
0.016
W/°C
VGS
Gate-to-Source Voltage
±20
V
dv/dt
Peak Diode Recovery dv/dt
‚
-5.0
V/ns
TJ,TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Absolute Maximum Ratings
A
D1
D1
D2
D2
G1
S2
G2
S1
To p V ie w
8
1
2
3
4
5
6
7
8/25/97
Thermal Resistance Ratings
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
„
–––
62.5
°C/W


Similar Part No. - IRF7306TR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7306TRPBF IRF-IRF7306TRPBF Datasheet
116Kb / 9P
   Generation V Technology
logo
VBsemi Electronics Co.,...
IRF7306TRPBF VBSEMI-IRF7306TRPBF Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
More results

Similar Description - IRF7306TR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7313TRPBF IRF-IRF7313TRPBF Datasheet
210Kb / 7P
   Generation V Technology
IRF7389TRPBF IRF-IRF7389TRPBF Datasheet
264Kb / 10P
   Generation V Technology
IRF7309TRPBF IRF-IRF7309TRPBF Datasheet
2Mb / 11P
   GENERATION V TECHNOLOGY
IRF7304TR IRF-IRF7304TR Datasheet
115Kb / 9P
   Generation V Technology
IRF7501TRPBF IRF-IRF7501TRPBF Datasheet
184Kb / 9P
   Generation V Technology
IRF7403TRPBF IRF-IRF7403TRPBF Datasheet
119Kb / 9P
   Generation V Technology
IRF7406TRPBF IRF-IRF7406TRPBF Datasheet
240Kb / 9P
   Generation V Technology
IRLML6302TR IRF-IRLML6302TR Datasheet
285Kb / 8P
   generation v technology
IRF7343TRPBF IRF-IRF7343TRPBF Datasheet
225Kb / 10P
   generation v technology
IRF7389PBF IRF-IRF7389PBF_15 Datasheet
264Kb / 10P
   GENERATION V TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com