Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32026B3824 Datasheet(PDF) 10 Page - TDK Electronics

Part # B32026B3824
Description  Film Capacitors - Power Factor Correction
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32026B3824 Datasheet(HTML) 10 Page - TDK Electronics

Back Button B32026B3824 Datasheet HTML 6Page - TDK Electronics B32026B3824 Datasheet HTML 7Page - TDK Electronics B32026B3824 Datasheet HTML 8Page - TDK Electronics B32026B3824 Datasheet HTML 9Page - TDK Electronics B32026B3824 Datasheet HTML 10Page - TDK Electronics B32026B3824 Datasheet HTML 11Page - TDK Electronics B32026B3824 Datasheet HTML 12Page - TDK Electronics B32026B3824 Datasheet HTML 13Page - TDK Electronics B32026B3824 Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Testing and Standards
Test
Reference
Conditions of test
Performance
requirements
Electrical
Parameters
IEC 60384-14
Voltage Proof:
Between terminals,
1500 V AC, 1 min.
Terminals and enclosure: 2 VR +
1500 V AC
Insulation resistance, RINS
Capacitance, C
Dissipation factor, tan
δ
Within specified limits
Robustness of
terminations
IEC 60068-2-21
Tensile strength (test Ua1)
Capacitance and tan
δ
within specified limits
Wire diameter
Tensile
force
0.5 < d1
≤ 0.8 mm
0.8 < d1
≤ 1.25 mm
10 N
20 N
Resistance to
soldering heat
IEC 60068-2-20,
test Tb,
method 1A
Solder bath temperature at
260
± 5 °C, immersion for
10 seconds
∆C/C
0
≤ 5%
tan
δ within specified
limits
Rapid change of
temperature
IEC 60384-16
TA = lower category temperature
TB = upper category temperature
Five cycles, duration t = 30 min.
No visible damage
I
∆C/C
0 I
≤ 5%
tan
δ within specified
limits
Vibration
IEC 60384-14
Test FC: vibration sinusoidal
Displacement: 0.75 mm
Accleration: 98 m/s2
Frequency: 10 Hz ... 500 Hz
Test duration: 3 orthogonal axes,
2 hours each axe
No visible damage
Bump
IEC 60384-14
Test Eb: Total 4000 bumps with
400 m/s2 mounted on PCB
6 ms duration
No visible damage
I
∆C/C
0 I
≤ 5%
tan
δ within specified
limits
Climatic
sequence
IEC 60384-14
Dry heat
TB / 16 h.
Damp heat cyclic, 1st cycle
+ 55
°C / 24h / 95% ... 100% RH
Cold
TA / 2h
Damp heat cyclic, 5 cycles
+ 55
°C / 24h / 95% ... 100% rh
No visible damage
I
∆C/C
0 I
≤ 5%
I
∆ tan δ I ≤ 0.008,
C
≤ 1 µF
I
∆ tan δ I > 0.005,
C > 1
µF
Voltage proof
RINS
≥ 50% of initial limit
B32021 ... B32026
Y2 / 300 V AC
Page 10 of 22
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32026B3824

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32026B3824 EPCOS-B32026B3824 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors
logo
TDK Electronics
B32026B3824 TDK-B32026B3824 Datasheet
373Kb / 22P
   EMI Suppression Capacitors
logo
EPCOS
B32026B3824K000 EPCOS-B32026B3824K000 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32026B3824K189 EPCOS-B32026B3824K189 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32026B3824K289 EPCOS-B32026B3824K289 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results

Similar Description - B32026B3824

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E4071A540 TDK-B32344E4071A540 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32364 TDK-B32364 Datasheet
272Kb / 9P
   Film Capacitors - Power Factor Correction
B25667C3147A375 TDK-B25667C3147A375 Datasheet
168Kb / 10P
   Film Capacitors ??Power Factor Correction
B32344E4071A580 TDK-B32344E4071A580 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4072A580 TDK-B32344E4072A580 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4102A000 TDK-B32344E4102A000 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B25673A0122A500 TDK-B25673A0122A500 Datasheet
195Kb / 10P
   Film Capacitors - Power Factor Correction
B44066D7075M400 TDK-B44066D7075M400 Datasheet
77Kb / 5P
   Film Capacitors - Power Factor Correction
B25671A5002A520 TDK-B25671A5002A520 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5032A020 TDK-B25671A5032A020 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5127A375 TDK-B25671A5127A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com