Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32344E2031A040 Datasheet(PDF) 9 Page - TDK Electronics

Part # B32344E2031A040
Description  Film Capacitors - Power Factor Correction
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32344E2031A040 Datasheet(HTML) 9 Page - TDK Electronics

Back Button B32344E2031A040 Datasheet HTML 2Page - TDK Electronics B32344E2031A040 Datasheet HTML 3Page - TDK Electronics B32344E2031A040 Datasheet HTML 4Page - TDK Electronics B32344E2031A040 Datasheet HTML 5Page - TDK Electronics B32344E2031A040 Datasheet HTML 6Page - TDK Electronics B32344E2031A040 Datasheet HTML 7Page - TDK Electronics B32344E2031A040 Datasheet HTML 8Page - TDK Electronics B32344E2031A040 Datasheet HTML 9Page - TDK Electronics B32344E2031A040 Datasheet HTML 10Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Film Capacitors – Power Factor Correction
B32344ExxxxAxxx
PhiCap capacitors
B32344E-series
FILM PFC PM
October 2011
Please read Cautions and warnings and
Page 9 of 10
Important notes at the end of this document.
These figures apply to the capacitor alone. Because the fixing and the terminals may influence the
vibration properties, it is necessary to check stability when a capacitor is built in and exposed to
vibration. Irrespective of this, you are advised not to locate capacitors where vibration amplitude
reaches the maximum in strongly vibrating equipment.
Mechanical protection
The capacitor has to be installed in a way that mechanical damages and dents in the aluminum can
are avoided.
Grounding
The threaded bottom stud of the capacitor has to be used for grounding. In case grounding is done
via metal chassis that the capacitor is mounted to, the layer of varnish beneath the washer and nut
should be removed. The maximum tightening torque is 10 Nm.
Maintenance
Check tightness of the connections/terminals periodically.
Take current reading twice a year and compare with nominal current. Use a harmonic analyser or
true effective RMS-meter.
In case of current above the nominal current check your application for modifications.
If a significant increase in the amount of non-linear loads has been detected, then a consultant
has to be called in for a harmonic study.
In case of the presence of harmonics installation of a de-tuned capacitor bank (reactors) must be
considered.
Check the discharge resistors/reactors and in case of doubt, check their function:
(1) Power the capacitor up and down.
(2) After ≤ 90 seconds the voltage between the terminals must decline to less than 75 V.
Check the temperature of capacitors directly after operation for a longer period, but make sure
that the capacitors have been switched off. In case of excessive temperature of individual
capacitors, it is recommended to replace these capacitors, as this should be an indication for loss
factor increase, which is a sign for reaching end of life.
Storage and operating conditions
Do not use or store capacitors in corrosive atmosphere, especially where chloride gas, sulfide gas,
acid, alkali, salt or the like are present. In dusty environments regular maintenance and cleaning
especially of the terminals is required to avoid conductive path between phases and/or phases
and ground.
Note
For detailed information about PFC capacitors and cautions, refer to the latest version of EPCOS PFC
Product Profile.


Similar Part No. - B32344E2031A040

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E2022A030 TDK-B32344E2022A030 Datasheet
262Kb / 11P
   Film Capacitors - Power Factor Correction
B32344E2022A530 TDK-B32344E2022A530 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E2052A030 TDK-B32344E2052A030 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E2072A530 TDK-B32344E2072A530 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
More results

Similar Description - B32344E2031A040

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E4071A540 TDK-B32344E4071A540 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32364 TDK-B32364 Datasheet
272Kb / 9P
   Film Capacitors - Power Factor Correction
B25667C3147A375 TDK-B25667C3147A375 Datasheet
168Kb / 10P
   Film Capacitors ??Power Factor Correction
B32344E4071A580 TDK-B32344E4071A580 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4072A580 TDK-B32344E4072A580 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4102A000 TDK-B32344E4102A000 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B25673A0122A500 TDK-B25673A0122A500 Datasheet
195Kb / 10P
   Film Capacitors - Power Factor Correction
B44066D7075M400 TDK-B44066D7075M400 Datasheet
77Kb / 5P
   Film Capacitors - Power Factor Correction
B25671A5002A520 TDK-B25671A5002A520 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5032A020 TDK-B25671A5032A020 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5127A375 TDK-B25671A5127A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com