Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32344E2031A040 Datasheet(PDF) 8 Page - TDK Electronics

Part # B32344E2031A040
Description  Film Capacitors - Power Factor Correction
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32344E2031A040 Datasheet(HTML) 8 Page - TDK Electronics

Back Button B32344E2031A040 Datasheet HTML 2Page - TDK Electronics B32344E2031A040 Datasheet HTML 3Page - TDK Electronics B32344E2031A040 Datasheet HTML 4Page - TDK Electronics B32344E2031A040 Datasheet HTML 5Page - TDK Electronics B32344E2031A040 Datasheet HTML 6Page - TDK Electronics B32344E2031A040 Datasheet HTML 7Page - TDK Electronics B32344E2031A040 Datasheet HTML 8Page - TDK Electronics B32344E2031A040 Datasheet HTML 9Page - TDK Electronics B32344E2031A040 Datasheet HTML 10Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Film Capacitors – Power Factor Correction
B32344ExxxxAxxx
PhiCap capacitors
B32344E-series
FILM PFC PM
October 2011
Please read Cautions and warnings and
Page 8 of 10
Important notes at the end of this document.
Overpressure disconnector
To ensure full functionality of an overpressure disconnector, the following must be observed:
1. The elastic elements must not be hindered, i.e.
Connecting lines must be flexible leads (cables).
There must be sufficient space (min. 12 mm) for expansion above the connections. This will
enable a longitudinal extension of the can to secure the overpressure disconnector work.
Folding beads must not be retained by clamps.
2. The maximum allowed fault current of 10000 A in accordance with UL 810 standard must be
assured by the application.
3. Stress parameters of the capacitor must be within the IEC60831 specification.
Overcurrent and short circuit protection
Use HRC fuses or MCCBs for short circuit protection. Short circuit protection and connecting
cables should be selected so that 1.5 times the rated capacitor current can be permanently
handled.
HRC fuses do not protect a capacitor against overload – they are only for short circuit protection.
The HRC fuse rating should be 1.6 to 1.8 times rated capacitor current.
Do not use HRC fuses to switch capacitors (risk of arcing).
Use thermal magnetic over current relays for overload protection.
Resonance cases
Resonance cases must be avoided by appropriate application design in any case. Maximum total
RMS capacitor current (incl. fundamental harmonic current) specified in technical data must not be
exceeded.
Re-switching vs. phase-opposition
In case of voltage interruption, a sufficient discharge time has to be ensured to avoid phase-
opposition and resulting high inrush currents.
Vibration resistance
The resistance to vibration of capacitors corresponds to IEC 68, part 2–6.
Max. test conditions:
Test duration
6 h*
Frequency range 1
10 ... 55 Hz*
Displacement amplitude
0.75 mm*
*corresponding to max. 98.1 m/s or 10 g


Similar Part No. - B32344E2031A040

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E2022A030 TDK-B32344E2022A030 Datasheet
262Kb / 11P
   Film Capacitors - Power Factor Correction
B32344E2022A530 TDK-B32344E2022A530 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E2052A030 TDK-B32344E2052A030 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E2072A530 TDK-B32344E2072A530 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
More results

Similar Description - B32344E2031A040

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E4071A540 TDK-B32344E4071A540 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32364 TDK-B32364 Datasheet
272Kb / 9P
   Film Capacitors - Power Factor Correction
B25667C3147A375 TDK-B25667C3147A375 Datasheet
168Kb / 10P
   Film Capacitors ??Power Factor Correction
B32344E4071A580 TDK-B32344E4071A580 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4072A580 TDK-B32344E4072A580 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4102A000 TDK-B32344E4102A000 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B25673A0122A500 TDK-B25673A0122A500 Datasheet
195Kb / 10P
   Film Capacitors - Power Factor Correction
B44066D7075M400 TDK-B44066D7075M400 Datasheet
77Kb / 5P
   Film Capacitors - Power Factor Correction
B25671A5002A520 TDK-B25671A5002A520 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5032A020 TDK-B25671A5032A020 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5127A375 TDK-B25671A5127A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com