Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDT1441-GI-SF Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # PDT1441-GI-SF
Description  Pigtailed PIN Photodiodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

PDT1441-GI-SF Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  PDT1441-GI-SF Datasheet HTML 1Page - Agilent(Hewlett-Packard) PDT1441-GI-SF Datasheet HTML 2Page - Agilent(Hewlett-Packard) PDT1441-GI-SF Datasheet HTML 3Page - Agilent(Hewlett-Packard) PDT1441-GI-SF Datasheet HTML 4Page - Agilent(Hewlett-Packard) PDT1441-GI-SF Datasheet HTML 5Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
510
PDT Pigtailed Photodiode Specifications
Absolute Maximum Ratings
Absolute maximum limits mean that no catastrophic damage will occur if the product is subjected to these ratings for short
periods, provided each limiting parameter is in isolation and all other parameters have values within the performance
specification. It should not be assumed that limiting values of more than one parameter can be applied to the product at the same
time.
Parameter
Symbol
Minimum
Maximum
Units
Reverse Voltage
Vr
-20
V
Reverse Current
Ir
-1
mA
Forward Voltage
Vf
-1
V
Forward Current
If
-5
mA
Power Dissipation
-
-
50
mW
Operating Temperature
Tc
-40
85
°C
Storage Temperature
Ts
-40
85
°C
Soldering - 10 seconds
-
-
260
°C
Fiber Pull
-
-
10
N
Performance Specification
Test Conditions:
Unless Otherwise
Stated
PDT134X
PDT144X
Parameter
Symbol
Vr = 5 V, Tc = 25°C
Min.
Max.
Min.
Max.
Units
Dark Current
Id
-1
-
1
nA
Tc = 85°C-
50
-
50
nA
Reverse Breakdown Voltage
Vbr
Ir = 10 µA35
-
35
-
V
Capacitance
C
1 Mhz
-
1.1
-
1.7
pF
Responsivity
R
λ = 1300 nm
0.7
-
0.7
-
A/W
Operating Wavelength
λ
80% points
1200
1650
1200
1650
nM
Small Signal Bandwidth
Bw
3
-
1.5
-
GHz
Rise/Fall Times
τrf
-
0.25
-
0.5
nS
Fiber Pigtail: Tight jacketed, self-mode stripping, multimode fiber
Parameter
Minimum
Maximum
Units
Length
1.0
-
m
Core Diameter
47
53
µm
Cladding Diameter
122
128
µm
Concentricity Error
-
8
%
Secondary Jacket Diameter
0.8
1.0
mm


Similar Part No. - PDT1441-GI-SF

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDT10012 NIEC-PDT10012 Datasheet
322Kb / 5P
   THYRISTOR MODULE 100A/1200 to 1600V
PDT10012 NIEC-PDT10012 Datasheet
261Kb / 4P
   100A Avg 1200~1600 Volts
PDT10012 NIEC-PDT10012_1 Datasheet
261Kb / 4P
   100A Avg 1200~1600 Volts
PDT10016 NIEC-PDT10016 Datasheet
322Kb / 5P
   THYRISTOR MODULE 100A/1200 to 1600V
PDT10016 NIEC-PDT10016 Datasheet
261Kb / 4P
   100A Avg 1200~1600 Volts
More results

Similar Description - PDT1441-GI-SF

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
PDA2446 HP-PDA2446 Datasheet
267Kb / 8P
   Analog Pigtailed PIN Photodiodes
PPA1515-155 HP-PPA1515-155 Datasheet
207Kb / 4P
   Pigtailed PIN-PREAMP
logo
KODENSHI_AUK CORP.
HPI6FFR4 KODENSHI-HPI6FFR4 Datasheet
124Kb / 2P
   PIN PHOTODIODES
HPI6FER2 KODENSHI-HPI6FER2 Datasheet
69Kb / 2P
   PIN PHOTODIODES
HPI6FGR4 KODENSHI-HPI6FGR4 Datasheet
69Kb / 2P
   PIN PHOTODIODES
HPI307 KODENSHI-HPI307 Datasheet
66Kb / 2P
   PIN PHOTODIODES
HPI5FCR2 KODENSHI-HPI5FCR2 Datasheet
67Kb / 2P
   PIN PHOTODIODES
HPI6FFR2 KODENSHI-HPI6FFR2 Datasheet
69Kb / 2P
   PIN PHOTODIODES
logo
Panasonic Semiconductor
PNZ0300 PANASONIC-PNZ0300 Datasheet
103Kb / 4P
   Silicon PIN Photodiodes
logo
Hamamatsu Corporation
S2506 HAMAMATSU-S2506_15 Datasheet
163Kb / 5P
   Si PIN photodiodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com